Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8378ECZQAFDA Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MPC8378ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECZQAFDA Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECZQAFDA Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
113
Thermal
23 Thermal
This section describes the thermal specifications of the MPC8378E.
23.1
Thermal Characteristics
Table 76 provides the package thermal characteristics for the 689 31
× 31mm TePBGA II package.
48.0
0
1
2
3
576
144
288
72 6
36
18
—
—
—
360
432
66.7
0
1
2
2
533
133
266
66.7
33.3
16.7
—
—
—
333
400
25.0
0
0
4
8
800
200
200
100 6
50
25
—
—
400
500
600
33.3
0
0
2
8
533
266.7
267
133 6
66.7
33.3
—
400
533
667
800
50.0
0
0
4
4
800
200
200
100 6
50
25
—
—
400
500
600
50.0
0
0
2
8
800
400
400 5
—
100 6
50
—
600
800
—
—
66.7
0
0
2
4
533
266.7
267
133 6
66.7
33.3
—
400
533
667
800
66.7
0
0
2
5
667
333
333
—
83.3 6 41.6
333
500
667
—
—
66.7
0
0
2
6
800
400
400 5
—
100 6
50
400
600
800
—
—
Note:
1 Values in MHz.
2 System PLL VCO range: 400–800 MHz.
3 CSB frequencies less than 133 MHz will not support Gigabit Ethernet rates.
4 Minimum data rate for DDR2 is 250 MHz and for DDR1 is 167 MHz.
5 Applies to DDR2 only.
6 Applies to eLBC PLL-enabled mode only.
Table 76. Package Thermal Characteristics for TePBGA II
Parameter
Symbol
Value
Unit
Notes
Junction-to-ambient natural convection on single layer board (1s)
RθJA
21
°C/W
1, 2
Junction-to-ambient natural convection on four layer board (2s2p)
RθJA
15
°C/W
1, 2, 3
Junction-to-ambient (at 200 ft/min) on single layer board (1s)
RθJMA
16
°C/W
1, 3
Junction-to-ambient (at 200 ft/min) on four layer board (2s2p)
RθJMA
12
°C/W
1, 3
Junction-to-board thermal
RθJB
8
°C/W
4
Junction-to-case thermal
RθJC
6
°C/W
5
Table 75. Example Clock Frequency Combinations (continued)
eLBC
1
e300 Core
1
Ref
1
LBCM DDRCM SVCOD SPMF
Sys
VCO1,2
CSB
1,3 DDR data
rate1,4
/2
/4
/8
× 1 × 1.5 × 2 × 2.5 × 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com