Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33596FCAE/R2 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MC33596FCAE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCAE/R2 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MC33596FCAE/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC33596FCAE/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Electrical Characteristics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
49
Figure 35. OOK Sensitivity Variation Versus Voltage
Figure 36. FSK Sensitivity Variation Versus Temperature
OOK Sensitivity Variation vs Voltage
(Ref : 3V, 25°C, 4800bps)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
2.1 V
2.4 V
3 V
3.6 V
Voltage (V)
315 MHz
434 MHz
868 MHz
916 MHz
FSK Sensitivity Variation vs Temperature
(Ref : 3V, 25°C, +/-64kHz, 4800 bps )
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40°C
25°C
85°C
Temperature (°C)
315 MHz
434 MHz
868 MHz
916 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com