Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMF32 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMF32
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMF32 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMF32 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMF32 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SMF32 thru SMF36
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-55 to +150
-55 to +150
pF
SYMBOL
Volts
Volts
Volts
Volts
Amps
Amps
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
3.0
80
TJ
TSTG
2.0
20
25
200
0C / W
Fast switching
Low switching noise
Low forward voltage drop
High current capability
High switching capability
High reliability
High surge capability
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
RATINGS
Maximum Average Reverse
0
@TA=25 C
Current at Rated DC Blocking Voltage at Note1
0
@TA=125 C
R JA
mA
0.5
0.75
NOTES
1. Pulse test 300 S pulse width 1% duty cycle
2. Measured at 1.0MHz and applied reverse voltage of 4.0 volts DC.
2
3. Thermal resistance junction to terminal 6.0mm copper pads to each terminal.
2
4. Thermal resistance junction to ambient 6.0mm copper pads to each terminal.
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 60 VOLTS
CURRENT - 3.0 AMPERES
Case Molded plastic
Epoxy Device has UL flammability 94V-0
Lead MIL-STD-202E, Method 208C guaranteed
Metallurgically bonded construction
Mounting position Any
Weight
0.24gram
Maximum Average Forward Rectified Current at Derating
Lead Temperature
Maximum Instantaneous Forward Voltage at 3.0A DC
Typical Thermal Resistance (Note1)
Typical Junction Capacitance(Note2)
Operating Temprature Range
Storage Temperature Range
SMF32
20
14
20
SMFS33
30
21
30
SMFS34
40
28
40
SMFS35
50
35
50
SMFS36
60
42
60
www.paceleader.tw
SMF
2.6S 0.2
0.2S0.05
3.5S 0.2
4.5S 0.2
1.4S 0.2
0.9S 0.3
0.05S 0.05
1.3S 0.1


Similar Part No. - SMF32

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SMF3.0A PANJIT-SMF3.0A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Semtech Corporation
SMF3.3 SEMTECH-SMF3.3 Datasheet
177Kb / 8P
3.3 Volt TVS Array For ESD and Latch-Up Protection
logo
Littelfuse
SMF3.3 LITTELFUSE-SMF3.3 Datasheet
995Kb / 4P
Surface Mount ??200W > SMF3.3 Series
SMF3.3 LITTELFUSE-SMF3.3 Datasheet
995Kb / 4P
SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Semtech Corporation
SMF3.3.TC SEMTECH-SMF3.3.TC Datasheet
177Kb / 8P
3.3 Volt TVS Array For ESD and Latch-Up Protection
More results

Similar Description - SMF32

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com