Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9243 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9243
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9243 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9243 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SC9243
3. KEY MATRIX
SC9243 enables the maximum setting of up to 32 keys through a combination of KI0 to KI7 and KO0~KO3.
Furthermore, the System Codes are settable in 7 bits through the combination of KI0~KI6 and Code Key. Please
refer to the diagram below:
Key Nos.K8,16,24 and 32 (the Shift Keys ) can be pressed simultaneously or in any random order with other
keys (normal keys).
The system code setting is constructed by connecting the diode jumper between Code Key and KI0~KI6 keys.
With the diode jumper, the system code will have the value of “1”. If Code and any one of the KI0~KI6 keys are
connected only at one point, the diode jumper may be disregarded.
4.LED TERMINAL
When there is no key activity, the LED Pin is in the HIGH Level. Please refer to the diagram below.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2009.02.17
Http: www.silan.com.cn
Page 5 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com