Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC73P2602SC2 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC2 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
14. TM
4-bit function register with different functions for write TM and read TM.
Write TM: 17-bit timer run enable, P53 structure select and carrier generator enable;
Read TM: the 12
th~15th bit value of 17-bit timer (the lowest bit is the first bit)
15. OTP address assignment
OTP ROM for SC73P2602 is 2K (9-bit), and the address assignment is shown below:
Address
Description
Subprogram entry address (can be multiplexed as
normal program area )
0000H ~ 003FH
0040H ~ 07FFH
Program area (can be multiplexed as data table)
16. RAM
Data memory consists of 32x4 bits and is used to store temporary data and results after a program is executed. It
can address the entire RAM areas by r LH[0] and LL[3:0]. When reset, the contents of RAM are not defined. It is
recommend to initialize it at the beginning of program.
17. TIMER
SC73P2602 has one 17-bit timer whose operating frequency is FC=FMAIN.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 10 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com