Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3743EUFDPBF Datasheet(PDF) 28 Page - Linear Technology

Part # LT3743EUFDPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743EUFDPBF Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3743EUFDPBF Datasheet HTML 20Page - Linear Technology LT3743EUFDPBF Datasheet HTML 21Page - Linear Technology LT3743EUFDPBF Datasheet HTML 22Page - Linear Technology LT3743EUFDPBF Datasheet HTML 23Page - Linear Technology LT3743EUFDPBF Datasheet HTML 24Page - Linear Technology LT3743EUFDPBF Datasheet HTML 25Page - Linear Technology LT3743EUFDPBF Datasheet HTML 26Page - Linear Technology LT3743EUFDPBF Datasheet HTML 27Page - Linear Technology LT3743EUFDPBF Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3743
28
3743f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 1109 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3755/LT3755-1
High Side 40V, 1MHz LED Controller with True Color
3000:1 PWM Dimming
VIN: 4.5V to 40V, VOUT(MAX) = 60V, Dimming = 3000:1 True Color PWM™,
ISD < 1μA, 3mm × 3mm QFN16, MSOP16E
LT3756/LT3756-1
High Side 100V, 1MHz LED Controller with True Color
3000:1 PWM Dimming
VIN: 6V to 100V, VOUT(MAX) = 100V, Dimming = 3000:1 True Color PWM,
ISD < 1μA, 3mm × 3mm QFN16, MSOP16E
LTC3783
High Side 36V, 1MHz LED Controller with True Color
3000:1 PWM Dimming
VIN: 3V to 36V, VOUT(MAX) = 40V, Dimming = 3000:1 True Color PWM,
ISD < 20μA, 4mm × 5mm DFN16, TSSOP16E
LT3517
1.3A, 2.5MHz High Current LED Driver with 3000:1
Dimming
VIN: 3V to 30V, Dimming = 3000:1 True Color PWM, ISD < 1μA,
4mm
× 4mm QFN16
LT3518
2.3A, 2.5MHz High Current LED Driver with 3000:1
Dimming
VIN: 3V to 30V, Dimming = 3000:1 True Color PWM, ISD < 1μA,
4mm
× 4mm QFN16
LT3496
Triple Output 750mA, 2.1MHz High Current LED Driver
with 3000:1 Dimming
VIN: 3V to 30V, VOUT(MAX) = 40V, Dimming = 3000:1 True Color PWM,
ISD < 1μA, 4mm × 5mm QFN28
LT3474/LT3474-1
36V, 1A (ILED), 2MHz Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, Dimming = 400:1 True Color PWM,
ISD < 1μA, TSSOP16E
LT3475/LT3475-1
Dual 1.5A (ILED), 36V Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, Dimming = 3000:1 True Color PWM,
ISD < 1μA, TSSOP20E
LT3476
Quad Output 1.5A, 2MHz High Current LED Driver with
1000:1 Dimming
VIN: 2.8V to 16V, VOUT(MAX) = 36V, Dimming = 1000:1 True Color PWM,
ISD < 10μA, 5mm × 7mm QFN10
LT3478/LT3478-1
4.5A, 2MHz High Current LED Driver with 3000:1
Dimming
VIN: 2.8V to 36V, VOUT(MAX) = 40V, Dimming = 1000:1 True Color PWM,
ISD < 10μA, 5mm × 7mm QFN10
True Color PWM is a trademark of Linear Technology Corporation.
24V, 40A Pulsed LED Driver
EN/UVLO
PWM
CTRL_SEL
EN/UVLO
PWM
CTRL_SEL
HG
VIN
CBOOT
VREF
CTRL_L
CTRL_H
CTRL_T
LT3743
RT
SYNC
SW
LG
GND
VCH
VCL
SENSE+
SENSE–
PWMGH
PWMGL
VCC_INT
220nF
L1
800nH
20μF
33nF
M2
M3
M4
D1
M1
1mF
1.25mΩ
FB
1μF
51k
5.6nF
51k
5.6nF
150k
40k
40k
1mF
140k
3743 TA08
20k
1μF
1mF
1μF
RNTC
680k
200μF
VIN
24V
VOUT
40A MAXIMUM
200μF
4.7μF
8
1μF
1μF
1nF
SS
10Ω
10Ω
RHOT
45.2k
CTRL_SEL
5V/DIV
ILED
20A/DIV
SW
10V/DIV
20μs/DIV
3743 TA08b
VIN = 12V
4A to 40A LED Current Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com