Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2609IGNPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2609IGNPBF
Description  Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2609IGNPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2609IGNPBF Datasheet HTML 2Page - Linear Technology LTC2609IGNPBF Datasheet HTML 3Page - Linear Technology LTC2609IGNPBF Datasheet HTML 4Page - Linear Technology LTC2609IGNPBF Datasheet HTML 5Page - Linear Technology LTC2609IGNPBF Datasheet HTML 6Page - Linear Technology LTC2609IGNPBF Datasheet HTML 7Page - Linear Technology LTC2609IGNPBF Datasheet HTML 8Page - Linear Technology LTC2609IGNPBF Datasheet HTML 9Page - Linear Technology LTC2609IGNPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC2609/LTC2619/LTC2629
6
26091929fa
TYPICAL PERFORMANCE CHARACTERISTICS
DNL vs Temperature
INL vs VREF
DNL vs VREF
Settling to ±1LSB
Settling of Full-Scale Step
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature
LTC2609
CODE
0
16384
32768
49152
65535
2609 G01
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
CODE
0
16384
32768
49152
65535
2609 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2609 G03
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
INL (POS)
INL (NEG)
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2609 G04
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
DNL (POS)
DNL (NEG)
VREF (V)
0
1
2
3
4
5
2609 G05
32
24
16
8
0
–8
–16
–24
–32
VCC = 5.5V
INL (POS)
INL (NEG)
VREF (V)
0
1
2
3
4
5
2609 G06
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5.5V
DNL (POS)
DNL (NEG)
2μs/DIV
2609 G07
VOUT
100μV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4 SCALE TO 3/4 SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
9.7μs
9TH CLOCK
OF 3RD DATA
BYTE
5μs/DIV
2609 G08
VOUT
100μV/DIV
SCR
2V/DIV
SETTLING TO ±1LSB
VCC = 5V, VREF = 4.096V
CODE 512 TO 65535 STEP
AVERAGE OF 2048 EVENTS
12.3μs
9TH CLOCK OF
3RD DATA BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com