Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2605IGNTRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2605IGNTRPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGNTRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2605IGNTRPBF Datasheet HTML 3Page - Linear Technology LTC2605IGNTRPBF Datasheet HTML 4Page - Linear Technology LTC2605IGNTRPBF Datasheet HTML 5Page - Linear Technology LTC2605IGNTRPBF Datasheet HTML 6Page - Linear Technology LTC2605IGNTRPBF Datasheet HTML 7Page - Linear Technology LTC2605IGNTRPBF Datasheet HTML 8Page - Linear Technology LTC2605IGNTRPBF Datasheet HTML 9Page - Linear Technology LTC2605IGNTRPBF Datasheet HTML 10Page - Linear Technology LTC2605IGNTRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2605/LTC2615/LTC2625
7
2605fa
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limiting
Load Regulation
Offset Error vs Temperature
LTC2615
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Settling to ±1LSB
CODE
0
4096
8192
12288
16383
2605 G09
8
6
4
2
0
–2
–4
–6
–8
VCC = 5V
VREF = 4.096V
CODE
0
4096
8192
12288
16383
2605 G10
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
2μs/DIV
2605 G11
VOUT
100μV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
8.9μs
9TH CLOCK
OF 3RD DATA
BYTE
LTC2625
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Settling to ±1LSB
CODE
0
1024
2048
3072
4095
2605 G12
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VCC = 5V
VREF = 4.096V
CODE
0
1024
2048
3072
4095
2605 G13
VCC = 5V
VREF = 4.096V
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
2μs/DIV
2605 G14
VOUT
1mV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
6.8μs
9TH CLOCK
OF 3RD DATA
BYTE
LTC2605/LTC2615/LTC2625
IOUT (mA)
–40 –30 –20 –10
0
10
20
30
40
2605 G15
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
VREF = VCC = 5V
VREF = VCC = 3V
VREF = VCC = 5V
VREF = VCC = 3V
CODE = MID-SCALE
IOUT (mA)
–35
–25
–15
–5
5
15
25
35
2606 G16
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VREF = VCC = 5V
CODE = MID-SCALE
VREF = VCC = 3V
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2605 G17
3
2
1
0
–1
–2
–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com