Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6011 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6011
Description  Solar Cell System Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6011 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6011 Datasheet HTML 1Page - Micro Analog systems MAS6011 Datasheet HTML 2Page - Micro Analog systems MAS6011 Datasheet HTML 3Page - Micro Analog systems MAS6011 Datasheet HTML 4Page - Micro Analog systems MAS6011 Datasheet HTML 5Page - Micro Analog systems MAS6011 Datasheet HTML 6Page - Micro Analog systems MAS6011 Datasheet HTML 7Page - Micro Analog systems MAS6011 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DA6011.000
15 September 2008
4 (8)
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
6.0
V
Voltage range for all pins
-0.3
VDD+0.3
V
Operating temperature
TA
-20
+60
oC
Storage Temperature
TS
-50
+125
oC
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
ELECTRICAL CHARACTERISTICS: MAS6011AA3 (3V BATTERY, MCU VDDmin ≤
≤
≤
≤ 2.1V)
TA = -20°C to +60°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage
VDD
2.0
3.0
3.6
V
Current consumption
IQ
130
nA
XPD switching level
XPD_OFF
XPD_ON
Power Down Off (XPD high)
Power Down On (XPD low)
2.50
2.10
2.70
2.30
2.90
2.50
V
XPD hysteresis
VXPD(H)
200
400
mV
XPD output voltage
VXPD(OUT)
VDD = 2.1 V,
IXPD = -150 µA
2.0
V
LB switching level
LB_OFF
LB_ON
Low Battery Off (LB low)
Low Battery On (LB high)
2.60
2.35
2.75
2.50
2.90
2.65
V
LB hysteresis
VLB(H)
100
250
mV
LB output voltage
VLB(OUT)
VDD = 2.1 V, ILB = -50 µA
VDD = 3.0 V, ILB = +50 µA
2.05
0.05
V
SOL switching level
SOL_OFF
SOL_ON
Solar Charging Off
Solar Charging On
3.05
2.85
3.25
3.15
3.55
3.45
V
SOL hysteresis
VSOL(H)
50
100
mV
SOL sink current
ISOL
VDD = 3.2 V, SOL = 0 V,
SOL switch On
22
mA
SOL leakage current
VDD = 2.9 V
-50
50
nA
LB_OFF – XPD_OFF
VLB_XPD_OFF
50
mV
LB_ON – XPD_ON
VLB_XPD ON
100
200
300
mV
SOL_OFF – LB_OFF
VSOL_LB_OFF
500
mV
SOL_ON – LB_ON
VSOL_LB ON
350
650
mV
TBD = To be defined



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com