Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6116 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems MAS6116 Datasheet HTML 10Page - Micro Analog systems MAS6116 Datasheet HTML 11Page - Micro Analog systems MAS6116 Datasheet HTML 12Page - Micro Analog systems MAS6116 Datasheet HTML 13Page - Micro Analog systems MAS6116 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10 (18)
DA6116.001
27 February, 2009
ANALOG CHARACTERISTICS
N Gain Control
(AVCC=+5.0 V, AGND=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Gain range
G
-111.5
+15.5
dB
Step size
D
0.5
dB
Absolute gain
GABS
Absolute gain value with setting G=255
+15
+15.5
+16
dB
Gain step error
DE
Relative to GABS, note 6
-0.5
0
0.5
dB
Gain match error
1
ME
Between channels, note 7
-0.2
0
0.2
dB
Mute attenuation
MATT
AC measurement
96
dB
Note 6. Gain value for each gain setting is measured as AC measurement relative to GABS assuming a gain step size of 0.5dB. Gain
settings 65…255 are tested in production. Gain error for lower gain settings is guaranteed by design only.
Note 7. Gain mismatch is tested in production for gain settings 90…255. Mismatch for lower gain settings is guaranteed by design only.
N Audio Performance
(AVCC=+5.0 V, AGND=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Noise
N
Vin = 0V, Vout with OP2277,
A-weighting
gain=0dB
gain=-40dB
gain=-60dB
gain=mute
11
3.7
2.2
1.8
µ
Vrms
3rd harmonic
component
3
rd HD
Vin=5Vrms, gain=0dB,
fin=800Hz
-75
dB
Total harmonic
distortion plus noise
THD
Vin=5Vrms, gain=0dB,
fin=800Hz, 10 harmonics
-72
-68
dB
Signal to noise ratio
SNR
Vin=5Vrms, gain=0dB,
fin=800Hz, non-weighted
100
dB
Crosstalk
CR
Between channels, Vin =
5Vrms, gain= 0dB, fin = 1kHz
-110
dB
N Peak Level Detection
(AVCC=+5.0 V, AGND=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Peak detector
minimum level
VMIN
PD reference = 0
0
18
500
mV
Peak detector
maximum level
VMAX
PD reference = 255
18
18.5
20
V
Peak detector step
size
VSTEP
60
72.5
90
mV
N Zero Cross Detection Timeout
(AVCC=+5.0 V, AGND=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Zero cross
detection timeout
TDEL
15
22
30
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com