Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8155 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F8155
Description  16-Bit Digital Signal Controllers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8155 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F8155 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 172 page
background image
56F8355 Technical Data, Rev. 17
8
Freescale Semiconductor
Preliminary
— In the 56F8355, four dedicated general-purpose Quad Timers totaling six dedicated pins: Timer C with
two pins and Timer D with four pins
— In the 56F8155, two Quad Timers; Timer A and Timer C both work in conjunction with GPIO
•
Optional On-Chip Regulator
•
FlexCAN (CAN Version 2.0 B-compliant) module with 2-pin port for transmit and receive
•
Two Serial Communication Interfaces (SCIs), each with two pins (or four additional GPIO lines)
•
Up to two Serial Peripheral Interfaces (SPIs), both with configurable 4-pin port (or eight additional GPIO
lines); SPI 1 can also be used as Quadrature Decoder 1 or Quad Timer B
•
Computer Operating Properly (COP)/Watchdog timer
•
Two dedicated external interrupt pins
•
49 General Purpose I/O (GPIO) pins; 28 pins dedicated to GPIO
•
External reset input pin for hardware reset
•
External reset output pin for system reset
•
Integrated low-voltage interrupt module
•
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent, real-time
debugging
•
Software-programmable, Phase Lock Loop-based frequency synthesizer for the core clock
1.1.5
Energy Information
•
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
•
On-board 3.3V down to 2.6V voltage regulator for powering internal logic and memories; can be disabled
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
•
ADC smart power management
•
Each peripheral can be individually disabled to save power
1.2 Device Description
The 56F8355 and 56F8155 are members of the 56800E core-based family of controllers. It combines, on
a single chip, the processing power of a Digital Signal Processor (DSP) and the functionality of a
microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because
of its low cost, configuration flexibility, and compact program code, the 56F8355 and 56F8155 are
well-suited for many applications. The devices include many peripherals that are especially useful for
motion control, smart appliances, steppers, encoders, tachometers, limit switches, power supply and
control, automotive control (56F8355 only), engine management, noise suppression, remote utility
metering, industrial control for power, lighting, and automation applications.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and
optimized instruction set allow straightforward generation of efficient, compact DSP and control code.
The instruction set is also highly efficient for C/C++ Compilers to enable rapid development of optimized
control applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com