Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

13892 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 64Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 66Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 69Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 70Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
67
13892
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
supply level BP. The switches and regulators are then
powered up sequentially to limit the inrush current.
RESETB is kept low and RESETBMCU is kept high.
CLK32KMCU is kept active if CLK32KMCU was set. The
reset timer starts running when entering Warm Start. When
expired, the Warm Start state is exited for the Watchdog
state, a WARMI interrupt is generated, and RESETB will go
high.
INTERNAL MEMHOLD POWER CUT
Power Cut description: When the supply at BP drops
below the UVDET threshold due to battery bounce or battery
removal, the Internal MemHold Power Cut mode is entered
and a Power Cut (PCUT) timer starts running. The backup
coin cell will now supply the RTC as well as the on chip
memory registers and some other power control related bits.
All other supplies will be disabled.
Internal MemHold Power Cut: As previously described, a
momentary power interruption will put the system into the
Internal MemHold Power Cut state if PCUTs are enabled.
The backup coin cell will now supply 13892’s core along with
the 32 k crystal oscillator, the RTC system and coin cell
backed up registers. All regulators and switchers will be shut
down to preserve the coin cell and RTC as long as possible.
Both RESETB and RESETBMCU are tripped, bringing the
entire system down along with the supplies and external
clock drivers, so the only recovery out of a Power Cut state is
to reestablish power and initiate a Cold Start.
POWER SAVING
SYSTEM STANDBY
A product may be designed to go into DSM after periods of
inactivity, such as if a music player completes a play list and
no further activity is detected, or if a gaming interface sits idle
for an extended period. Two Standby pins are provided for
board level control of timing in and out of such deep sleep
modes.
When a product is in DSM it may be able to reduce the
overall platform current by lowering the switcher output
voltage, disabling some regulators, or forcing GPOx low. This
can be obtained by SPI configuration of the Standby
response of the circuits along with control of the Standby
pins.
To ensure that shared resources are properly powered
when required, the system will only be allowed into Standby
when both the application processor (which typically controls
the STANDBY pin) and peripherals (which typically control
the STANDBYSEC pin) allow it—this is referred to as a
Standby event.
REGULATOR MODE CONTROL
The regulators with embedded pass devices (VDIG, VPLL,
VIOHI, VUSB, VUSB2, and VAUDIO) operate in two modes:
a normal mode, and a low power mode. The transition
between both modes occurs automatically, based on the load
current. Therefore, no specific control is required to put these
regulators in a low power mode (i.e., “On” implies an adaptive
mode control” based on load current). Bits are reserved in
case the automatic scheme shows to be insufficient.
The regulators with external pass devices (VSD, VVIDEO,
VGEN1, and VGEN2) can also operate in a normal and low
power mode. However, since a load current detection cannot
be performed for these regulators, the transition between
both modes is not automatic, and is controlled by setting the
corresponding mode bits for the operational behavior
desired.
The regulators VGEN3, and VCAM can be configured for
using the internal pass device or external pass device as
explained in LDOs on page 54. Therefore, depending on the
configuration selected, the automatic low power mode is or is
not available.
BUCK SWITCHERS
Operational modes of the Buck switchers can be
controlled by direct SPI programming, altered by the state of
the STANDBY pins, by direct state machine influence (i.e.,
entering Off or low power Off states, for example), or by load
current magnitude when so configured. Available modes
include PWM with No Pulse Skipping (PWM), PWM with
Pulse Skipping (PWMPS), Pulse Frequency Mode (PFM),
and Off. The transition between the two modes PWMPS and
PFM can occur automatically based on the load current
(auto). Therefore, no specific control is required to put the
switchers in a low power mode. When the buck switchers are
not configured in the auto mode, power savings may be
achieved by disabling the switchers when not needed, or
running them in PFM mode, if loading conditions are light
enough.
SW1, SW2, SW3, and SW4 can be configured for mode
switching with STANDBY or autonomously, based on load
current with adaptive mode control (Auto). Additionally,
provisions are made for maintaining PFM operation in
USEROFF and MEMHOLD modes, to support state retention
for faster startup from the low power Off modes, for Warm
Start or Warm Boot.
POWER GATING SYSTEM
The low power Off states are provided to allow faster
system booting from two pseudo Off conditions: Memory
Hold, which keeps external memory powered for self refresh,
and User Off, which keeps the processor powered up for
state retention. For reduced current drain in low power Off
states, parts of the system can benefit from power gating, to
isolate the minimum essentials for such operational modes. It
is also necessary to ensure that the power budget on backed
up domains is within the capabilities of switchers in PFM
mode. An additional benefit of power gating peripheral loads
during system startup is to enable the processor core to
complete booting and begin running software before
additional supplies or peripheral devices are powered. This
allows system software to bring up the additional supplies
and close power gating switches in the most optimum order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com