Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT2347 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2347
Description  Stereo Audio Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2347 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2347 Datasheet HTML 1Page - Princeton Technology Corp PT2347 Datasheet HTML 2Page - Princeton Technology Corp PT2347 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary
PT2347
Stereo Audio Processor
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT2347 is an audio processor designed for
versatile application, it adopts all of functions from
successful predecessor- the PT2313L, and it includes
3 stereo input selector with adjustable gain, master
volume
control
with
low
frequency
loudness
compensation, individual output attenuator and tone
control.
In car audio applications, maximum power output of
the audio set is measurement on saturated condition, it
may not achieve the goal if power amplifier does not
have enough gain, therefore, the PT2347 provides
extra +10dB voltage gain in final output stage, it is
easy to drive the power amplifier into saturated power
and eliminates external gain OPAMP.
APPLICATIONS
• Car audio
• Home audio system
• Powered speaker system
FEATURES
• Controlled by I²C interface
• Direct replace the PT2313L with +10dB output
gain
• 3 stereo inputs with gain selection, range from 0dB
to +11.25dB in 3.75dB/step
• Master volume from 0dB to -78.75dB in
1.25dB/step
• Speaker attenuator for balance and fader, range
from 0dB to -38.75dB in 1.25dB/step
• Each output can be muted individually.
• Low frequency loudness compensation
• Bass and Treble control, range from -14dB to
+14dB in 2dB/step
• Wide operation range (VDD = 4V to 10V)
• Low harmonic distortion Low noise
BLOCK DIAGRAM
LOUT
LIN1
LIN2
LIN3
REF
LOUDNESS
LIN
LOUD_L
REF
BOUT_L
BIN_L
TREB_L
TREBLE
BASS
LFOUT
LROUT
REF
REF
REF
REF
LOUDNESS
REF
TREBLE
BASS
RROUT
RFOUT
TREB_R
BOUT_R
LOUD_R
RIN
RIN3
RIN2
RIN1
ROUT
REF
VDD
REF
AGND
REF
SCL
SDA
DGND
I2C
DECODER
BIAS
BIN_R
Speaker Attenuator
With Mute
Master
Volume
Loud
SW
+10dB GAIN
+10dB GAIN
Input SW and
GAIN
Input SW and
GAIN


Similar Part No. - PT2347

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT234 BOURNS-PT234 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
logo
Everlight Electronics C...
PT234-6B EVERLIGHT-PT234-6B Datasheet
532Kb / 7P
Opto Interrupter
logo
Bourns Electronic Solut...
PT23401 BOURNS-PT23401 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
PT23402 BOURNS-PT23402 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
PT23403 BOURNS-PT23403 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
More results

Similar Description - PT2347

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
May-1991
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
logo
Silan Microelectronics ...
SC7315 SILAN-SC7315 Datasheet
238Kb / 13P
2CH OUTPUT STEREO AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com