Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ314 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products MAXQ314 Datasheet HTML 10Page - Maxim Integrated Products MAXQ314 Datasheet HTML 11Page - Maxim Integrated Products MAXQ314 Datasheet HTML 12Page - Maxim Integrated Products MAXQ314 Datasheet HTML 13Page - Maxim Integrated Products MAXQ314 Datasheet HTML 14Page - Maxim Integrated Products MAXQ314 Datasheet HTML 15Page - Maxim Integrated Products MAXQ314 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
______________________________________________________________________________________ 15
RMS Current Continuous Output
(AUX Pin)
The AUX pin can be configured to output a 16-bit RMS
current value. Bit time is 2000 system clocks, or a typical
data rate of 4kbps. The bit format is pulse-width modula-
tion, in which each bit cell is divided into four time slices.
At the first time slice, the data line switches from a zero
state to a one state. Then, if the bit to be transmitted is a
zero, the data line switches back to zero after one time
slice. If the bit to be transmitted is a one, the data line
switches back to zero after three time slices.
A data frame consists of one complete 20-bit sample
word and a frame delimiter. The frame delimiter consists
of the data line idling in a low state for nominally four bit
times (tBIT).
The receiver detects the first rising edge of the sync
field and synchronizes on the 1100 pattern. The receiver
should be synchronized by the time the first data bit is
available. After 16 data bits, the data line becomes idle
for four tBIT periods, after which the next synchronization
bit begins.
The AUX pin can output continuous PWM as well by
setting the PWMOUT (DSPCFG.6) bit. The PWM output
period is 65,535 system clocks, or 8.19ms.
Applications Information
Grounds and Bypassing
Careful PCB layout significantly minimizes system-level
digital noise that could interact with the microcontroller
or peripheral components. The use of multilayer boards
is essential to allow the use of dedicated power planes.
The area under any digital components should be a
continuous ground plane if possible. Keep any bypass
capacitor leads short for best noise rejection and place
the capacitors as close to the leads of the devices as
possible.
CMOS design guidelines for any semiconductor require
that no pin be taken above supply voltage or below
ground. Violation of this guideline can result in a hard
failure (damage to the silicon inside the device) or a soft
failure (unintentional modification of memory contents).
Voltage spikes above or below the device’s absolute
maximum ratings can potentially cause a devastating IC
latchup.
Microcontrollers commonly experience negative volt-
age spikes through either their power pins or general-
purpose I/O pins. Negative voltage spikes on power pins
are especially problematic as they directly couple to the
internal power buses. Devices such as keypads can
conduct electrostatic discharges directly into the micro-
controller and seriously damage the device. System
designers must protect components against these tran-
sients that can corrupt system memory.
Specific Design Considerations for
MAXQ314-Based Systems
To reduce the possibility of coupling noise into the
microcontroller, the systems that use an external crystal
should be designed with a crystal in a metal case that
is grounded to the digital plane. Doing so reduces the
susceptibility of the design to fast transient noise.
Because the MAXQ314 is used in systems where high
voltages are present, care must be taken to route all
signal paths, both analog and digital, as far away as pos-
sible from the high-voltage components. It is possible to
construct more elaborate metering designs using mul-
tiple MAXQ314 devices. This can be accomplished by
using a single I2C bus, but with a different slave address
for each device.
Additional Documentation
Designers must have the following documents to fully use
all the features of this device. This data sheet contains
pin descriptions, feature overviews, and electrical speci-
fications. Errata sheets contain deviations from published
specifications.
• MAXQ314 data sheet, which contains electrical/timing
specifications and pin descriptions
• MAXQ314 revision-specific errata sheet
(www.maxim-ic.com/errata)
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
SYNC
SAMPLE DATA
FRAME GAP
SYNC
SAMPLE DATA
FRAME GAP
1 1 0 0 D D D D D D D D D D D D D D D D L L L L 1 1 0 0 D D D D D D D D D D D D D D D D
L
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com