Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCM520AA02DR-G Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCM520AA02DR-G
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520AA02DR-G Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCM520AA02DR-G Datasheet HTML 9Page - Torex Semiconductor XCM520AA02DR-G Datasheet HTML 10Page - Torex Semiconductor XCM520AA02DR-G Datasheet HTML 11Page - Torex Semiconductor XCM520AA02DR-G Datasheet HTML 12Page - Torex Semiconductor XCM520AA02DR-G Datasheet HTML 13Page - Torex Semiconductor XCM520AA02DR-G Datasheet HTML 14Page - Torex Semiconductor XCM520AA02DR-G Datasheet HTML 15Page - Torex Semiconductor XCM520AA02DR-G Datasheet HTML 16Page - Torex Semiconductor XCM520AA02DR-G Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13/43
XCM520
Series
●DC/DC BLOCK
The DC/DC block of the XCM520 series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM
comparator, phase compensation circuit, output voltage adjustment resistors, P-channel MOSFET driver transistor, N-channel
MOSFET switching transistor for the synchronous switch, current limiter circuit, UVLO circuit and others. (See the block
diagram above.)
By using the error amplifier, the voltage of the internal voltage reference source is compared with the feedback voltage from the
VOUT3 pin through split resistors, R1 and R2. Phase compensation is performed on the resulting error amplifier output, to input a
signal to the PWM comparator to determine the turn-on time during PWM operation. The PWM comparator compares, in terms
of voltage level, the signal from the error amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting
output to the buffer driver circuit to cause the Lx pin to output a switching duty cycle. This process is continuously performed to
ensure stable output voltage.
The current feedback circuit monitors the P-channel MOS driver transistor current for each switching operation, and modulates
the error amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop even when a low
ESR capacitor such as a ceramic capacitor is used ensuring stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed internally and can be selected from 1.2MHz or
3.0MHz. Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM operation, and to
synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback
voltage divided by the internal split resistors, R1 and R2. When a voltage is lower than the reference voltage is fed back, the
output voltage of the error amplifier increases. The gain and frequency characteristics of the error amplifier output are fixed
internally to deliver an optimized signal to the mixer.
■TYPICAL APPLICATION CIRCUIT
VIN
CL1
CIN1
CIN2
CL3
L
7
8
9
10
3
4
5
6
Lx
VIN2
EN2
VOUT2
11
12
2
1
VOUT3
EN1
VSS
VOUT1
VIN1
CL2
PGND
AGND
EN3/MODE
● DC/DC BLOCK fOSC=3.0MHz
CIN1
:
1μF
(Ceramic)
CL1
:
1μF
(Ceramic)
CL2
:
1μF
(Ceramic)
L
:
1.5μH
(NR3015 TAIIYO YUDEN)
CIN2
:
4.7μF
(Ceramic)
CL2
:
10μF
(Ceramic)
● DC/DC BLOCK fOSC=1.2MHz
CIN1
:
1μF
(Ceramic)
CL1
:
1μF
(Ceramic)
CL2
:
1μF
(Ceramic)
L
:
4.7μH
(NR4018 TAIIYO YUDEN)
CIN2
:
4.7μF
(Ceramic)
CL2
:
10μF
(Ceramic)
■OPERATIONAL EXPLANATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com