Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2514Bi-AEZG Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB2514Bi-AEZG
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2514Bi-AEZG Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB2514Bi-AEZG Datasheet HTML 35Page - SMSC Corporation USB2514Bi-AEZG Datasheet HTML 36Page - SMSC Corporation USB2514Bi-AEZG Datasheet HTML 37Page - SMSC Corporation USB2514Bi-AEZG Datasheet HTML 38Page - SMSC Corporation USB2514Bi-AEZG Datasheet HTML 39Page - SMSC Corporation USB2514Bi-AEZG Datasheet HTML 40Page - SMSC Corporation USB2514Bi-AEZG Datasheet HTML 41Page - SMSC Corporation USB2514Bi-AEZG Datasheet HTML 42Page - SMSC Corporation USB2514Bi-AEZG Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
39
Revision 1.0 (3-11-09)
DATASHEET
8.2.1.8
Register 07h: Configuration Data Byte 2
2:1
CURRENT_SNS
Over-Current Sense: Selects current sensing on a port-by-port basis, all
ports ganged, or none (only for bus-powered hubs). The ability to support
current sensing on a port or ganged basis is hardware implementation
dependent.
‘00’ = Ganged sensing (all ports together)
‘01’ = Individual (port-by-port)
‘1x’ = Over-current sensing not supported (must only be used with bus-
powered configurations!)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port- by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is hardware implementation dependent.
‘0’ = Ganged switching (all ports together)
‘1’ = Individual port-by-port switching
BIT
NUMBER
BIT NAME
DESCRIPTION
7
DYNAMIC
Dynamic Power Enable: Controls the ability of the hub to automatically
change from self-powered operation to bus-powered operation if the local
power source is removed or is unavailable (and from bus-powered to self-
powered if the local power source is restored).
When dynamic power switching is enabled, the hub detects the availability
of a local power source by monitoring the external LOCAL_PWR pin. If the
hub detects a change in power source availability, the hub immediately
disconnects and removes power from all downstream devices and
disconnects the upstream port. The hub will then re-attach to the upstream
port as either a bus-powered hub (if local-power is unavailable) or a self-
powered hub (if local power is available).
‘0’ = No dynamic auto-switching
‘1’ = Dynamic auto-switching capable
6
Reserved
Reserved
5:4
OC_TIMER
OverCurrent Timer: Over-current Timer delay.
‘00’ = 0.1 ms
‘01’ = 4.0 ms
‘10’ = 8.0 ms
‘11’ = 16.0 ms
3
COMPOUND
Compound Device: Allows OEM to indicate that the hub is part of a
compound (see the USB specification for definition) device. The applicable
port(s) must also be defined as having a "Non-Removable Device".
Note:
When configured via strapping options, declaring a port as non-
removable automatically causes the hub controller to report that it
is part of a compound device.
‘0’ = No
‘1’ = Yes, The hub is part of a compound device
2:0
Reserved
Reserved
BIT
NUMBER
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com