Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

782482/33VC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 782482/33VC
Description  ADM2482E/ADM2487E Compatible Converter Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

782482/33VC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  782482/33VC Datasheet HTML 1Page - Murata Power Solutions Inc. 782482/33VC Datasheet HTML 2Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_782482C_A01 Page 1 of 2
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
782482 Series
ADM2482E/ADM2487E Compatible Converter Transformers
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Nominal Input
Voltage
Nominal Output
Voltage
Isolation Voltage
Turns
Ratio
Package
Style
VV
VDC
782482/33VC
3.3
3.3
4000
1CT:1.33CT
DIL
782482/53VC
5.0
3.3
4000
1.14CT:1CT
DIL
CHARACTERISTICS
Parameter
Conditions
782482/33VC
782482/53VC
Units
Min.
Max.
Min.
Max.
Primary Inductance, L
P
1
100kHz, 20mV
190
310
150
260
μH
Leakage Inductance, L
L
1
100kHz, 250mV
8
8
μH
Interwinding Capacitance, C
WW
100kHz, 250mV
8
8
pF
Primary DC Resistance, R
DC
1
<0.1VDC
600
600
mΩ
Volt-time Product, Et2
5kHz, 5V
13
13
Vμs
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-50°C to 125°C
Isolation voltage (flash tested for 1 second)
4.0kVDC
SOLDERING INFORMATION3
Peak wave solder temperature
260˚C for 10 seconds
Pin finish
Matte tin
Specifications typical at T
A
= 25°C
1 LP, LL and RDC measured between pins 1-3.
2 Where pulse applied across pins 1 and 2.
3 For further information, please visit www.murata-ps.com/rohs
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Volt-
age’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’
are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed
to provide electrical isolation, to verify the integrity of that
isolation.
All products in this series are 100% production tested at
their stated isolation voltage.
A question commonly asked is, “What is the continuous
voltage that can be applied across the part in normal opera-
tion?”
For a part holding no specific agency approvals both input
and output should normally be maintained within SELV limits
i.e. less than 42.4V peak, or 60VDC. The isolation test volt-
age represents a measure of immunity to transient voltages
and the part should never be used as an element of a safety
isolation system. The part could be expected to function cor-
rectly with several hundred volts offset applied continuously
across the isolation barrier; but then the circuitry on both
sides of the barrier must be regarded as operating at an
unsafe voltage and further isolation/insulation systems must
form a barrier between these circuits and any user-acces-
sible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation
testing of a barrier component can actually degrade
isolation capability, to a lesser or greater degree
depending on materials, construction and environ-
ment. This series has toroidal isolation transformers,
with no additional insulation between primary and
secondary windings of enameled wire. While parts
can be expected to withstand several times the
stated test voltage, the isolation capability does de-
pend on the wire insulation. Any material, including
this enamel (typically polyurethane) is susceptible
to eventual chemical degradation when subject to
very high applied voltages thus implying that the
number of tests should be strictly limited. We there-
fore strongly advise against repeated high voltage
isolation testing, but if it is absolutely required, that
the voltage be reduced by 20% from specified test
voltage.
This consideration equally applies to agency recog-
nized parts rated for better than functional isolation
where the wire enamel insulation is always supple-
mented by a further insulation system of physical
spacing or barriers.
FEATURES
RoHS compliant
Analog Devices ADM2482E/ADM2487E
compatible
4.0kVDC isolation
Industry-standard pinout
UL 94 V-0 package materials
Low profile
Toroidal construction
Fully encapsulated
Industrial temperature range
Surface mount versions available soon
Recommended by Analog Devices, Inc.
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 782482 series of converter transformers are
specifically designed for use with Analog Devices
chipsets to provide isolated RS-485 and RS-422
interfaces. Carefully controlled turns ratios
ensure consistent performance whilst a toroidal
construction minimises EMI.


Similar Part No. - 782482/33VC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
782482/33VC MURATA-782482/33VC Datasheet
106Kb / 2P
Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
782482/33VC MURATA-PS-782482/33VC Datasheet
131Kb / 3P
ADM2482E/ADM2487E Compatible Converter Transformers
2021
More results

Similar Description - 782482/33VC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
78253 CANDD-78253 Datasheet
168Kb / 2P
MAX253 Compatible Converter Transformers
logo
Murata Manufacturing Co...
KMP_7625XEN MURATA-KMP_7625XEN Datasheet
140Kb / 4P
EN Approved MAX250/251/253 Compatible Converter Transformers
KMP_78250 MURATA-KMP_78250 Datasheet
146Kb / 3P
MAX250 Compatible Converter Transformers
KMP_782485C MURATA-KMP_782485C Datasheet
106Kb / 2P
ADM2485 Compatible Converter Transformers
78253-55MVC MURATA-78253-55MVC Datasheet
525Kb / 5P
MAX253 Compatible Converter Transformers
78250JC MURATA-78250JC Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
logo
Murata Power Solutions ...
KMP-78250J MURATA-PS-KMP-78250J Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
KMP-78253 MURATA-PS-KMP-78253 Datasheet
510Kb / 5P
MAX253 Compatible Converter Transformers
78250 MURATA-PS-78250 Datasheet
98Kb / 3P
MAX250/MAX251 Compatible Converter Transformers
782100 MURATA-PS-782100 Datasheet
151Kb / 4P
PE22100 Compatible Converter Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com