Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

30-01-R5C-AQSC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 30-01-R5C-AQSC
Description  Technical Data Sheet POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

30-01-R5C-AQSC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  30-01-R5C-AQSC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-03-19 21:23:17.0
Technical Data Sheet
POWER LED
30-01/R5C-AQSC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 3 of 6
Device number: DPE-0000077
Established date: 04-17-2006
Established by: Max-Chen
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Condition
Unit
Total Flux
Φv
3600
4500
7150
IF=70mA
mlm
Viewing Angle
2θ1/2
----
85
----
IF=70mA
deg
Peak Wavelength
λp
----
632
----
IF=20mA
nm
Dominant Wavelength
λd
620
624
632
IF=20mA
nm
Spectrum Radiation
Bandwidth
△λ
----
20
----
IF=20mA
nm
Forward Voltage
VF
2.1
2.6
3.1
IF=70mA
V
Reverse Current
IR
----
----
10
VR=5V
µA
Rank
30-01/R5C-AQSC
(1)
(2)
(3)
(1) VF(V)
(2) λd(nm)
(3)Φv(mlm)
Bin
Min
Max
Bin
Min
Max
Bin
Min
Max
3
2.1
2.3
2
620
624
Q
3600
4500
4
2.3
2.5
3
624
628
R
4500
5650
5
2.5
2.7
4
628
632
S
5650
7150
6
2.7
2.9
7
2.9
3.1
*Measurement Uncertainty of Forward Voltage:±0.1V
*Measurement Uncertainty of Luminous Intensity: ±15%
*Measurement Uncertainty of Dominant Wavelength ±1.0nm
Unit:nm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com