Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1465D Datasheet(PDF) 12 Page - Clare, Inc.

Part # CPC1465D
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465D Datasheet(HTML) 12 Page - Clare, Inc.

Back Button CPC1465D Datasheet HTML 7Page - Clare, Inc. CPC1465D Datasheet HTML 8Page - Clare, Inc. CPC1465D Datasheet HTML 9Page - Clare, Inc. CPC1465D Datasheet HTML 10Page - Clare, Inc. CPC1465D Datasheet HTML 11Page - Clare, Inc. CPC1465D Datasheet HTML 12Page - Clare, Inc. CPC1465D Datasheet HTML 13Page - Clare, Inc. CPC1465D Datasheet HTML 14Page - Clare, Inc. CPC1465D Datasheet HTML 15Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CPC1465
12
www.clare.com
R02
3. Manufacturing Information
3.1 Mechanical Dimensions
3.1.1 SOIC
NOTE: The CPC1465 uses a slightly different package
than the LH1465AAE. Some adjustment to the
printed-circuit-board pad layout may be needed for
existing applications.
8.890 TYP
(0.350 TYP)
0.406 TYP
(0.016 TYP)
MIN: 0.0254 (0.001)
MAX: 0.102 (0.004)
10.160±0.381
(0.400±0.015)
7.493±0.127
(0.295±0.005)
10.363±0.127
(0.408±0.005)
1.270 TYP
(0.050 TYP)
0.635 X 45°
(0.025 X 45°)
0.254 ±0.0127
(0.010±0.0005)
1.016 TYP
(0.040 TYP)
0.508±0.1016
(0.020±0.004)
PIN 1
PIN 16
2.108 MAX
(0.083 MAX)
See Note 3
Lead to Package Standoff:
inches
(mm)
DIMENSIONS
NOTES:
1. Coplanarity = 0.1016 (0.004) max.
2. Leadframe thickness does not include solder plating (1000 microinch maximum).
3. Sum of package height, standoff, and coplanarity does not exceed 2.108 (0.083).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com