Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1832 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1832
Description  8V Output Solar Cell
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1832 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1832 Datasheet HTML 1Page - Clare, Inc. CPC1832 Datasheet HTML 2Page - Clare, Inc. CPC1832 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.clare.com
DS-CPC1832-R02
1
CPC1832
8V Output Solar Cell
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1832N
16-Pin Clear Molded SOIC Package (50/Tube)
CPC1832NTR
16-Pin Clear Molded SOIC Package (1000/Reel)
Parameter
Rating
Units
Open Circuit Voltage
8
V
Short Circuit Current
50
μA
* Direct sunlight (Approximately 6000 lux)
Applications
Features
Description
Ordering Information
Block Diagram
Portable Electronics
Solar Battery Chargers
Battery Operated Equipment
Consumer Electronics
Off-Grid Installation
Wireless Sensors and Detection
Flame Detection
Self Powered Sunlight/ Light Detection
Self Powered Products
Remote Installation
8V Output
Triggers with Natural Sunlight
Provides True Wireless Power
No EMI/RFI Generation
Wave Solderable
Replacement of Discrete Components
Solid State Reliability
The CPC1832 is a monolithic photovoltaic string of
solar cells with switching circuitry. When operating
in sunlight or a bright artificial light environment the
optical energy will activate the cell array and generate
a voltage at the output. The solar cells are capable
of generating a floating source voltage and current
sufficient to drive and power CMOS ICs, logic gates
and/or provide “trickle charge” for battery applications.
1
8
9
V-
V+
16


Similar Part No. - CPC1832

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1832 IXYS-CPC1832 Datasheet
94Kb / 4P
8V Output Solar Cell
CPC1832N IXYS-CPC1832N Datasheet
94Kb / 4P
8V Output Solar Cell
CPC1832NTR IXYS-CPC1832NTR Datasheet
94Kb / 4P
8V Output Solar Cell
More results

Similar Description - CPC1832

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1822 CLARE-CPC1822 Datasheet
115Kb / 4P
4V Output Solar Cell
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
Amorphous Solar Cell
logo
Clare, Inc.
CPC1822 CLARE-CPC1822_1 Datasheet
88Kb / 3P
4V Output Solar Cell
CPC1824 CLARE-CPC1824 Datasheet
88Kb / 3P
4V Output Solar Cell
CPC1831 CLARE-CPC1831 Datasheet
88Kb / 3P
8V Output Solar Cell
logo
IXYS Corporation
CPC1822 IXYS-CPC1822 Datasheet
92Kb / 4P
4V Output Solar Cell
CPC1824 IXYS-CPC1824 Datasheet
92Kb / 4P
4V Output Solar Cell
CPC1831 IXYS-CPC1831 Datasheet
93Kb / 4P
8V Output Solar Cell
CPC1832 IXYS-CPC1832 Datasheet
94Kb / 4P
8V Output Solar Cell
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com