Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1393 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC1393
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1393 Datasheet(HTML) 6 Page - Clare, Inc.

  CPC1393 Datasheet HTML 1Page - Clare, Inc. CPC1393 Datasheet HTML 2Page - Clare, Inc. CPC1393 Datasheet HTML 3Page - Clare, Inc. CPC1393 Datasheet HTML 4Page - Clare, Inc. CPC1393 Datasheet HTML 5Page - Clare, Inc. CPC1393 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications
and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of
Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability,
fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1393-R03
©Copyright 2008, Clare, Inc.
All rights reserved. Printed in USA.
7/11/08
For additional information please visit our website at: www.clare.com
6
CPC1393
PIN #1
6.350 ± 0.127
(0.250 ± 0.005)
0.991
(0.039)
9.525
(0.375)
2.540 ± 0.127
(0.100 ± 0.005)
4-Pin Surface Mount (”GR” Suffix)
7.620 ± 0.254
(0.300 ± 0.010)
0.635 ± 0.254
(0.025 ± 0.010)
0.254
(0.010)
3.300 ± 0.050
(0.130 ± 0.002)
3.480 ± 0.076
(0.137 ± 0.003)
Recommended PCB Land Pattern
Dimensions
mm
(inches)
2.287
(0.09)
8.80
(0.346)
1.60
(0.063)
0.95
(0.037)
9º ± 1º
(ALL)
0.102 min / 0.254 max
(0.004 min / 0.010 max)
4.572 ± 0.127
(0.180 ± 0.005)
2.540 ± 0.127
(0.100 ± 0.005)
2.287 ± 0.127
(0.090 ± 0.005)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Tape and Reel Packaging for 4-Pin Surface Mount Package
Dimensions
mm
(inches)
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
K
0 = 4.20
(0.165)
K
1 = 3.70
(0.146)
W = 16.00
(0.630)
A
0 = 10.01
(0.394)
P = 12.00
(0.472)
B
0 = 5.00
(0.197)
MECHANICAL DIMENSIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com