Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC6826 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC6826
Description  High Voltage EL Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC6826 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC6826 Datasheet HTML 1Page - Clare, Inc. CPC6826 Datasheet HTML 2Page - Clare, Inc. CPC6826 Datasheet HTML 3Page - Clare, Inc. CPC6826 Datasheet HTML 4Page - Clare, Inc. CPC6826 Datasheet HTML 5Page - Clare, Inc. CPC6826 Datasheet HTML 6Page - Clare, Inc. CPC6826 Datasheet HTML 7Page - Clare, Inc. CPC6826 Datasheet HTML 8Page - Clare, Inc. CPC6826 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CPC6826
R00C
www.clare.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
1.4 Recommended Operating Conditions
3
4
2
1
6
5
7
8
V
DD
R
SW-osc
R
EL-osc
GND
V
A
V
B
C
S
L
X
MSOP-8
Top View
Pin
Name
Description
1
VDD
Input Supply Voltage: 1.8V to 3.5V
2
RSW-osc
External Switch Resistor: Set switch frequency of the internal power MOSFET by connecting an
external resistor to VDD. Connecting the external resistor to GND disables the switch oscillator and
shuts down the device.
3
REL-osc
External EL Resistor: Set EL frequency of the internal H-bridge driver by connecting an external
resistor to VDD. Connecting the external resistor to GND disables the EL oscillator.
4
GND
Ground Return
5
LX
Internal Switch Node: Internal high-voltage power MOSFET drain
6
CS
Regulated Boost Output: Connect to the output of external storage capacitor of the boost regulator
and connect to the cathode of the diode
7
VB
EL Output: Connect to EL lamp - Polarity does not matter
8
VA
EL Output: Connect to EL lamp - Polarity does not matter
Parameter
Ratings
Units
Supply Voltage, VDD
-0.5 to +4.5
V
Output Voltage, VCS
-0.5 to +100
V
Power Dissipation
250
mW
Operating Temperature
Range
-40 to +85
ºC
Storage Temperature Range
-65 to +150
ºC
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage
VDD
1.8
-
3.5
V
Output Drive Frequency
fEL
60
-
1000
Hz
Operating Temperature
TA
-40
-
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com