Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IKCS08F60B2C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IKCS08F60B2C
Description  Control integrated Power System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS08F60B2C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IKCS08F60B2C Datasheet HTML 5Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 6Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 7Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 8Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 9Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 10Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 11Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 12Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CIPOS™ IKCS08F60B2A
IKCS08F60B2C
Data Sheet
9/19
Rev. 2, March 2009
Value
Unit
Description
Condition
Symbol
min
max
Single IGBT thermal resistance,
junction-case
RthJC
-
4.2
Single diode thermal resistance,
junction-case
RthJCD
-
6.0
K/W
Control Section
Value
Description
Condition
Symbol
min
max
Unit
Module supply voltage
VDD
-1
20
High side floating supply voltage
(VB vs. VS)
VBS
-1
20
High side floating IC supply offset
voltage
tp < 500ns
VS1,2,3
VDD-VBS-6
VDD-VBS-50
600
Input voltage
/LIN, /HIN floating
VIN
-1
5.5
Input voltage
ITRIP
VinITRIP
-1
10
V
Operating junction temperature
1
TJ,IC
-
125
°C
Max. switching frequency
fPWM
-
20
kHz
Recommended Operation Conditions
All voltages are absolute voltages referenced to VSS -Potential unless otherwise specified.
Value
Description
Symbol
min
max
Unit
High side floating supply offset voltage
VS
-3
500
High side floating supply voltage (VB vs. VS)
VBS
12.5
17.5
Low side power supply
VDD
12.5
17.5
Logic input voltages LIN, HIN, ITRIP
VIN
0
5
V
1 Monitored by pin 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com