Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IKCS12F60B2C Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # IKCS12F60B2C
Description  Control integrated Power System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS12F60B2C Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button IKCS12F60B2C Datasheet HTML 10Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 11Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 12Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 13Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 14Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 15Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 16Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 17Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
CIPOS™ IKCS12F60B2A
IKCS12F60B2C
Data Sheet
14/18
Rev. 2.2, March 2009
0A
5A
10A
15A
0.00mJ
0.25mJ
0.50mJ
0.75mJ
1.00mJ
1.25mJ
E
on
E
rec
E
off
25°C
50°C
75°C
100°C
125°C
0.00mJ
0.05mJ
0.10mJ
0.15mJ
E
rec
E
on
E
off
IC, COLLECTOR CURRENT
TvJ, JUNCTION TEMPERATURE
Figure 9. Typical switching energy losses
as a function of collector current
(inductive load, TvJ = 150°C,
VCE = 300V, VDD = 15V
Dynamic test circuit in Figure A)
Figure 10. Typical switching energy losses as
a function of junction temperature
(inductive load, VCE = 300V,
VDD = 15V, IC = 6A
Dynamic test circuit in Figure A)
-25°C
0°C
25°C
50°C
75°C
100°C
1kOhm
10kOhm
100kOhm
1000kOhm
min
typ
max
1µs
10µs 100µs
1ms
10ms 100ms
1s
10
-2K/W
10
-1K/W
10
0K/W
Single Pulse
IGBT
Diode
TNTC, NTC TEMPERATURE
tP, PULSE WIDTH
Figure 11. Characteristic of NTC as a
function of NTC temperature
Figure 12. Transient thermal impedance as a
function of pulse width
(D=tP/T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com