Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1893CF Datasheet(PDF) 57 Page - Integrated Device Technology

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893CF Datasheet(HTML) 57 Page - Integrated Device Technology

Back Button ICS1893CF Datasheet HTML 53Page - Integrated Device Technology ICS1893CF Datasheet HTML 54Page - Integrated Device Technology ICS1893CF Datasheet HTML 55Page - Integrated Device Technology ICS1893CF Datasheet HTML 56Page - Integrated Device Technology ICS1893CF Datasheet HTML 57Page - Integrated Device Technology ICS1893CF Datasheet HTML 58Page - Integrated Device Technology ICS1893CF Datasheet HTML 59Page - Integrated Device Technology ICS1893CF Datasheet HTML 60Page - Integrated Device Technology ICS1893CF Datasheet HTML 61Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 127 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. J, 08/11/09
August, 2009
57
ICS1893CF Data Sheet Rev. J - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
7.5.1 OUI bits 19-24 (bits 3.15:10)
The most-significant 6 bits of register 3 (that is, bits 3.15:10) include OUI bits 19 through 24. OUI bit 19 is
stored in bit 3.15, while OUI bit 24 is stored in bit 3.10.
7.5.2 Manufacturer's Model Number (bits 3.9:4)
The model number for the ICS1893CF is 5 (decimal). It is stored in bit 3.9:4 as 00101b.
7.5.3 Revision Number (bits 3.3:0)
Table 7-10 lists the valid ICS1893CF revision numbers, which are 4-bit binary numbers stored in bits 3.3:0.
3.11
OUI bit 23 | w
N/A
N/A
CW
0
4
3.10
OUI bit 24 | x
N/A
N/A
CW
1
3.9
Manufacturer’s Model Number bit 5
N/A
N/A
CW
0
3.8
Manufacturer’s Model Number bit 4
N/A
N/A
CW
0
3.7
Manufacturer’s Model Number bit 3
N/A
N/A
CW
0
5
3.6
Manufacturer’s Model Number bit 2
N/A
N/A
CW
1
3.5
Manufacturer’s Model Number bit 1
N/A
N/A
CW
0
3.4
Manufacturer’s Model Number bit 0
N/A
N/A
CW
1
3.3
Revision Number bit 3
N/A
N/A
CW
0
0
3.2
Revision Number bit 2
N/A
N/A
CW
0
3.1
Revision Number bit 1
N/A
N/A
CW
0
3.0
Revision Number bit 0
N/A
N/A
CW
0
Table 7-10. ICS1893CF Revision Number
Decimal
Bits 3.3:0
Description
2
0000
IDT 1893C
Table 7-9. PHY Identifier Register (Register 3 [0x03])
Bit
Definition
When Bit = 0 When Bit = 1 Access
Special
Function
Default
Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com