| Electronic Components Datasheet Search |
|
ICS1893CKLF Datasheet(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS1893CKLF Datasheet(HTML) 13 Page - Integrated Device Technology |
|
13 / 127 page ![]() Chapter 4 Operating Modes Overview ICS1893CF, Rev. J, 08/11/09 August, 2009 13 ICS1893CF Data Sheet Rev. J - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. 4.3 Automatic Power-Saving Operations The ICS1893CF has power-saving features that automatically minimize its total power consumption while it is operating. Table 4-1 lists the ICS1893CF automatic power-saving features for the various modes. 4.4 Auto-Negotiation Operations The ICS1893CF has an Auto-Negotiation sublayer and provides a Control Register bit (bit 0.12) to determine whether its Auto-Negotiation sublayer is enabled or disabled. When enabled, the ICS1893CF Auto-Negotiation sublayer exchanges technology capability data with its remote link partner and automatically selects the highest-performance operating mode it has in common with its remote link partner. For example, if the ICS1893CF supports 100Base-TX and 10Base-T modes – but its link partner supports 100Base-TX and 100Base-T4 modes – the two devices automatically select 100Base-TX as the highest-performance common operating mode. For details regarding initialization and control of the auto-negotiation process, see Section 6.2, “Functional Block: Auto-Negotiation”. Table 4-1. Automatic Power-Saving Features, 10Base-T and 100Base-TX Modes Power- Saving Feature Mode for ICS1893CF 10Base-T Mode 100Base-TX Mode Disable Inter- nal Modules In 10Base-T mode, the ICS1893CF disables all its internal 100Base-TX modules. In 100Base-TX mode, the ICS1893CF disables all its internal 10Base-T modules. STA Control of Automatic Power- Saving Features When an STA sets the state of the ICS1893CF Extended Control Register 2, bit 19.0 to logic: • Zero, the 100Base-TX modules always remain enabled, even during 10Base-T operations. • One, the ICS1893CF automatically disables 100Base-TX modules while the ICS1893CF is operating in 10Base-T mode. When an STA sets the state of the ICS1893CF Extended Control Register 2, bit 19.1 to logic: • Zero, the 10Base-T modules always remain enabled, even during 100Base-TX operations. • One, the ICS1893CF automatically disables 10Base-T modules while the ICS1893CF is operating in 100Base-TX mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |