Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1894-32 Datasheet(PDF) 29 Page - Integrated Device Technology

Part # ICS1894-32
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1894-32 Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button ICS1894-32 Datasheet HTML 25Page - Integrated Device Technology ICS1894-32 Datasheet HTML 26Page - Integrated Device Technology ICS1894-32 Datasheet HTML 27Page - Integrated Device Technology ICS1894-32 Datasheet HTML 28Page - Integrated Device Technology ICS1894-32 Datasheet HTML 29Page - Integrated Device Technology ICS1894-32 Datasheet HTML 30Page - Integrated Device Technology ICS1894-32 Datasheet HTML 31Page - Integrated Device Technology ICS1894-32 Datasheet HTML 32Page - Integrated Device Technology ICS1894-32 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
ICS1894-32
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT™ / ICS™ 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE 29
ICS1894-32
REV F 110209
DC and AC Operating Conditions
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS1894-32. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operating Conditions
Parameter
Rating
VDD (measured to VSS)
-0.3 V to 3.6V
Digital Inputs / Outputs
-0.3 V to VDD +0.3 V
Storage Temperature
-55
° C to +150° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Power Dissipation
See section “DC Operating Conditions for Supply Current”
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature - Commercial
TA
0+70
° C
Ambient Operating Temperature - Industrial
TA
-40
+85
° C
Power Supply Voltage (measured to VSS)
VDD
+3.14
+3.47
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com