Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4208G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4208G
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4208G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4208G Datasheet HTML 1Page - Infineon Technologies AG TLE4208G Datasheet HTML 2Page - Infineon Technologies AG TLE4208G Datasheet HTML 3Page - Infineon Technologies AG TLE4208G Datasheet HTML 4Page - Infineon Technologies AG TLE4208G Datasheet HTML 5Page - Infineon Technologies AG TLE4208G Datasheet HTML 6Page - Infineon Technologies AG TLE4208G Datasheet HTML 7Page - Infineon Technologies AG TLE4208G Datasheet HTML 8Page - Infineon Technologies AG TLE4208G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1-A Quad-HBD (Quad-Half-Bridge Driver)
TLE 4208
Data Sheet
1
2004-02-27
Overview
Features
• Driver for up to 3 motors
• Delivers up to 0.8 A continuous
• Optimized for DC motor management applications
• Very low current consumption in stand-by (Inhibit)
mode
• Low saturation voltage
; typ.1.2 V total @ 25 °C; 0.4 A
• Output protected against short circuit
• Error flag diagnosis
• Overvoltage lockout and diagnosis
• Undervoltage lockout
• CMOS/TTL compatible inputs with hysteresis
• No crossover current
• Internal clamp diodes
• Overtemperature protection with hysteresis and diagnosis
• Enhanced power P-DSO-Package
Description
The TLE 4208 is a fully protected Quad-Half-Bridge-Driver designed specially for
automotive and industrial motion control applications.
The part is built using the Siemens bipolar high voltage power technology DOPL.
In a cascade configuration up to three actuators (DC motors) can be connected between
the four half-bridges. These four half-bridges are configured as 2 dual-half-bridges,
which are supplied and controlled separately. Operation modes forward (cw), reverse
(ccw), brake and high impedance are invoked from a standard interface.
The standard enhanced power P-DSO-28 package meets the application requirements
and saves PCB-board space and costs.
Furthermore the built-in features like diagnosis, over- and undervoltage-lockout, short-
circuit protection, over-temperature protection and the very low quiescent current in
stand-by mode will open a wide range of automotive and industrial applications.
Type
Ordering Code
Package
TLE 4208 G
Q67007-A9335
P-DSO-28-18


Similar Part No. - TLE4208G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4208G SIEMENS-TLE4208G Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
TLE4208G INFINEON-TLE4208G Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
More results

Similar Description - TLE4208G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9947 STMICROELECTRONICS-L9947 Datasheet
115Kb / 13P
QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
Apr-1999
logo
Siemens Semiconductor G...
TLE4207 SIEMENS-TLE4207 Datasheet
147Kb / 14P
1-A Dual-HBD (Dual-Half-Bridge Driver)
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
STMicroelectronics
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G Datasheet
347Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Rev. 1.1, 2008-01-08
TLE8444SL INFINEON-TLE8444SL Datasheet
539Kb / 32P
Quad Half-Bridge Driver IC
Rev. 1.1, July 2009
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com