Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4240-2M Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4240-2M
Description  Low Dropout Linear LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4240-2M Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4240-2M Datasheet HTML 1Page - Infineon Technologies AG TLE4240-2M Datasheet HTML 2Page - Infineon Technologies AG TLE4240-2M Datasheet HTML 3Page - Infineon Technologies AG TLE4240-2M Datasheet HTML 4Page - Infineon Technologies AG TLE4240-2M Datasheet HTML 5Page - Infineon Technologies AG TLE4240-2M Datasheet HTML 6Page - Infineon Technologies AG TLE4240-2M Datasheet HTML 7Page - Infineon Technologies AG TLE4240-2M Datasheet HTML 8Page - Infineon Technologies AG TLE4240-2M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Datasheet
2
Rev. 1.1, 2006-12-07
TLE 4240-2/3 M
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No. Symbol Function
1n.c.
Version TLE 4240-2 M only:
Internally not connected.
1ST
Version TLE 4240-3 M only:
Status output; open collector output. Low level indicates open load.
Connect to a positive voltage rail with an external pull-up resistor.
Leave open, if not needed.
2GND
Ground; connect to heatsink area. Interconnect with pin 5.
3I
Input;
IC supply
4Q
Output;
5GND
Ground; connect to heatsink area. Interconnect with pin 2.
Pinout.vsd
GND
1
I
5
Q
2
4
3
GND
n.c.
Pinout.vsd
GND
1
I
5
Q
2
4
3
GND
ST
TLE 4240-3 M
TLE 4240-2 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com