Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8735-21 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8735-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8735-21 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8735-21 Datasheet HTML 7Page - Integrated Device Technology ICS8735-21 Datasheet HTML 8Page - Integrated Device Technology ICS8735-21 Datasheet HTML 9Page - Integrated Device Technology ICS8735-21 Datasheet HTML 10Page - Integrated Device Technology ICS8735-21 Datasheet HTML 11Page - Integrated Device Technology ICS8735-21 Datasheet HTML 12Page - Integrated Device Technology ICS8735-21 Datasheet HTML 13Page - Integrated Device Technology ICS8735-21 Datasheet HTML 14Page - Integrated Device Technology ICS8735-21 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
11
ICS8735AM-21 REV. A JULY 31, 2008
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL
and other differential signals. Both VSWING and VOH must meet the
VPP and VCMR input requirements. Figures 3A to 3F show interface
examples for the HiPerClockS CLK/nCLK input driven by the most
common driver types. The input interfaces suggested here are
examples only. Please consult with the vendor of the driver
component to confirm the driver termination requirements. For
example, in Figure 3A, the input termination applies for IDT
HiPerClockS open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 3A. HiPerClockS CLK/nCLK Input
Driven by an IDT Open Emitter
HiPerClockS LVHSTL Driver
Figure 3C. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 3E. HiPerClockS CLK/nCLK Input
Driven by a 3.3V HCSL Driver
Figure 3B. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 3D. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVDS Driver
Figure 3F. HiPerClockS CLK/nCLK Input
Driven by a 2.5V SSTL Driver
R1
50
R2
50
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
HiPerClockS
LVHSTL Driver
HiPerClockS
Input
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
3.3V
LVPECL
HiPerClockS
Input
HCSL
*R3
33
*R4
33
CLK
nCLK
2.5V
3.3V
Zo = 50
Ω
Zo = 50
Ω
HiPerClockS
Input
R1
50
R2
50
*Optional – R3 and R4 can be 0
Ω
CLK
nCLK
HiPerClockS
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
R2
50
R2
50
3.3V
R1
100
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
HiPerClockS
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com