Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8366EV Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE8366EV
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366EV Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE8366EV Datasheet HTML 11Page - Infineon Technologies AG TLE8366EV Datasheet HTML 12Page - Infineon Technologies AG TLE8366EV Datasheet HTML 13Page - Infineon Technologies AG TLE8366EV Datasheet HTML 14Page - Infineon Technologies AG TLE8366EV Datasheet HTML 15Page - Infineon Technologies AG TLE8366EV Datasheet HTML 16Page - Infineon Technologies AG TLE8366EV Datasheet HTML 17Page - Infineon Technologies AG TLE8366EV Datasheet HTML 18Page - Infineon Technologies AG TLE8366EV Datasheet HTML 19Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TLE8366
Application Information
Data sheet
15
Rev. 1.0, 2009-05-18
8.4
TLE8366EV50, TLE8366EV33 with fixed Output Voltage
Figure 6
Application Diagram TLE8366EV50 or TLE8366EV33
Note: This is a very simplified example of an application circuit. The function must be verified in the real application
VBatt
VCC
D1
LI
22…47µH
Ignition Key
Terminal 15
LBU
CBU1
DBU
47µH
100µF
CBU2
220nF
220nF
CBOT
8
2
GND
Enable
Oscillator
7
4
Buck
Converter
6
FB
BUO
3
COMP
TLE8366EV50
TLE8366EV33
1
SYNC
5
BDS
EN
VS
Over
Temperature
Shutdown
Feedforward
Soft start ramp
generator
Bandgap
Reference
CCOMP
Charge Pump
RCOMP
ApplicationDiagram _8366 -fix.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com