Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8440258-46 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS8440258-46
Description  FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8440258-46 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS8440258-46 Datasheet HTML 8Page - Integrated Device Technology ICS8440258-46 Datasheet HTML 9Page - Integrated Device Technology ICS8440258-46 Datasheet HTML 10Page - Integrated Device Technology ICS8440258-46 Datasheet HTML 11Page - Integrated Device Technology ICS8440258-46 Datasheet HTML 12Page - Integrated Device Technology ICS8440258-46 Datasheet HTML 13Page - Integrated Device Technology ICS8440258-46 Datasheet HTML 14Page - Integrated Device Technology ICS8440258-46 Datasheet HTML 15Page - Integrated Device Technology ICS8440258-46 Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IDT™ / ICS™ LVDS/LVCMOS FREQUENCY SYNTHESIZER
13
ICS8440258AK-46 REV B JANUARY 15, 2008
ICS8440258-46
FEMTOCLOCK™ CRYSTAL/LVCMOS-TO-LVDS/ LVCMOS FREQUENCY SYNTHESIZER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8440258-46 is: 2589
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD VFQFN
θθθθθ
JA
vs. Air Flow (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
37.0°C/W
32.4°C/W
29.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com