Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM3027IDSSO08B Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSSO08B
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSSO08B Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSSO08B Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 25Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
R
EM3027
Copyright © 2009, EM Microelectronic-Marin SA
12/09 – rev D
21
www.emmicroelectronic.com
9.2
Low Supply Detection
The supply voltage level is monitored periodically versus
Vlow1 and Vlow2 levels. The monitoring rate is one
second. When the voltage monitoring is running, a higher
current consumption for few milliseconds occurs.
At the power-up of the device, as long as the supply
voltage stays below Vlow2, the monitoring rate is
accelerated. To enable normal operation, the chip must
be supplied with a voltage above Vlow2, to enable the
readout of initialization data from EEPROM and to stop
the higher current consumption.
When the supply voltage drops from the normal range
(from 2.1V to 5.5V) below Vlow1, the VLOW1 status bit is
set to ‘1’ by the voltage monitoring system.
When bit VLOW1 is at ‘1’, the thermometer is disabled
and
the
automatic
computation
of
the
thermal
compensation
value
(COMP_val)
for
frequency
correction is inhibited. In this case, the last computed
compensation value is used.
To leave the VLOW1 status, the supply voltage must be
increased above the Vlow1 level and a ‘0’ value must be
written into the VLOW1 status bit via the serial interface.
When the supply voltage drops below the Vlow2 level,
the VLOW2 status bit is set by the voltage monitoring
system.
The VLOW2 status bit disables the read out of the
EEPROM.
To leave the VLOW2 status, the supply voltage must be
increased above the Vlow2 level and a ‘0’ value must be
written into the VLOW2 status bit via the serial interface.
Below Vlow2 level, device functionality is not guaranteed
and register contents can be corrupted. Therefore, if
VLOW2 status bit is set, it is recommended to perform
system reset by writing of ‘1’ into SYSRes bit in RstCtrl
page and afterwards update content of Watch, Alarm and
Timer registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com