Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3U2CA-CU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM3U2CA-CU
Description  AT91ARM M3 Cortex-based Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U2CA-CU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM3U2CA-CU Datasheet HTML 5Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 6Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 7Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 8Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 9Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 10Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 11Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 12Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
9
6430BS–ATARM–01-Sep-09
SAM3U Series
4.
Package and Pinout
The SAM3U4/2/1E is available in 144-lead LQFP and 144-ball LFBGA packages.
The SAM3U4/2/1C is available in 100-lead LQFP and 100-ball LFBGA packages.
4.1
SAM3U4/2/1E Package and Pinout
4.1.1
144-ball LFBGA Package Outline
The 144-Ball LFBGA package has a 0.8 mm ball pitch and respects Green Standards. Its dimen-
sions are 10 x 10 x 1.4 mm.
Figure 4-1.
Orientation of the 144-ball LFBGA Package
4.1.2
144-lead LQFP Package Outline
Figure 4-2.
Orientation of the 144-lead LQFP Package
TOP VIEW
BALL A1
12
1
2
3
4
5
6
7
8
9
10
11
A B CDE F G HJ
K L M
73
109
108
72
37
36
1
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com