Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega164V Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATmega164V
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164V Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATmega164V Datasheet HTML 12Page - ATMEL Corporation ATmega164V Datasheet HTML 13Page - ATMEL Corporation ATmega164V Datasheet HTML 14Page - ATMEL Corporation ATmega164V Datasheet HTML 15Page - ATMEL Corporation ATmega164V Datasheet HTML 16Page - ATMEL Corporation ATmega164V Datasheet HTML 17Page - ATMEL Corporation ATmega164V Datasheet HTML 18Page - ATMEL Corporation ATmega164V Datasheet HTML 19Page - ATMEL Corporation ATmega164V Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
8011MS–AVR–08/09
ATmega164P/324P/644P
6.
Ordering Information
6.1
ATmega164P
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For Speed vs. V
CC see ”Speed Grades” on page 329.
Speed (MHz)(3)
Power Supply
Ordering Code
Package(1)
Operational Range
10
1.8 - 5.5V
ATmega164PV-10AU(2)
ATmega164PV-10PU(2)
ATmega164PV-10MU(2)
44A
40P6
44M1
Industrial
(-40oC to 85oC)
20
2.7 - 5.5V
ATmega164P-20AU(2)
ATmega164P-20PU(2)
ATmega164P-20MU(2)
44A
40P6
44M1
Package Type
44A
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
40P6
40-pin, 0.600” Wide, Plastic Dual Inline Package (PDIP)
44M1
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Thermally Enhanced Plastic Very Thin Quad Flat No-Lead (VQFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com