Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega88PA Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATmega88PA
Description  8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88PA Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATmega88PA Datasheet HTML 2Page - ATMEL Corporation ATmega88PA Datasheet HTML 3Page - ATMEL Corporation ATmega88PA Datasheet HTML 4Page - ATMEL Corporation ATmega88PA Datasheet HTML 5Page - ATMEL Corporation ATmega88PA Datasheet HTML 6Page - ATMEL Corporation ATmega88PA Datasheet HTML 7Page - ATMEL Corporation ATmega88PA Datasheet HTML 8Page - ATMEL Corporation ATmega88PA Datasheet HTML 9Page - ATMEL Corporation ATmega88PA Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
8161DS–AVR–10/09
ATmega48PA/88PA/168PA/328P
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The ATmega48PA/88PA/168PA/328P provides the following features: 4/8/16/32K bytes of In-
System Programmable Flash with Read-While-Write capabilities, 256/512/512/1K bytes
EEPROM, 512/1K/1K/2K bytes SRAM, 23 general purpose I/O lines, 32 general purpose work-
ing registers, three flexible Timer/Counters with compare modes, internal and external
interrupts, a serial programmable USART, a byte-oriented 2-wire Serial Interface, an SPI serial
port, a 6-channel 10-bit ADC (8 channels in TQFP and QFN/MLF packages), a programmable
Watchdog Timer with internal Oscillator, and five software selectable power saving modes. The
Idle mode stops the CPU while allowing the SRAM, Timer/Counters, USART, 2-wire Serial Inter-
face, SPI port, and interrupt system to continue functioning. The Power-down mode saves the
register contents but freezes the Oscillator, disabling all other chip functions until the next inter-
rupt or hardware reset. In Power-save mode, the asynchronous timer continues to run, allowing
the user to maintain a timer base while the rest of the device is sleeping. The ADC Noise Reduc-
tion mode stops the CPU and all I/O modules except asynchronous timer and ADC, to minimize
switching noise during ADC conversions. In Standby mode, the crystal/resonator Oscillator is
running while the rest of the device is sleeping. This allows very fast start-up combined with low
power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip ISP Flash allows the program memory to be reprogrammed In-System through an SPI
serial interface, by a conventional non-volatile memory programmer, or by an On-chip Boot pro-
gram running on the AVR core. The Boot program can use any interface to download the
application program in the Application Flash memory. Software in the Boot Flash section will
continue to run while the Application Flash section is updated, providing true Read-While-Write
operation. By combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a
monolithic chip, the Atmel ATmega48PA/88PA/168PA/328P is a powerful microcontroller that
provides a highly flexible and cost effective solution to many embedded control applications.
The ATmega48PA/88PA/168PA/328P AVR is supported with a full suite of program and system
development tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators,
In-Circuit Emulators, and Evaluation kits.
2.2
Comparison Between ATmega48PA, ATmega88PA, ATmega168PA and ATmega328P
The ATmega48PA, ATmega88PA, ATmega168PA and ATmega328P differ only in memory
sizes, boot loader support, and interrupt vector sizes. Table 2-1 summarizes the different mem-
ory and interrupt vector sizes for the three devices.
ATmega88PA, ATmega168PA and ATmega328P support a real Read-While-Write Self-Pro-
gramming mechanism. There is a separate Boot Loader Section, and the SPM instruction can
only execute from there. In ATmega48PA, there is no Read-While-Write support and no sepa-
rate Boot Loader Section. The SPM instruction can execute from the entire Flash.
Table 2-1.
Memory Size Summary
Device
Flash
EEPROM
RAM
Interrupt Vector Size
ATmega48PA
4K Bytes
256 Bytes
512 Bytes
1 instruction word/vector
ATmega88PA
8K Bytes
512 Bytes
1K Bytes
1 instruction word/vector
ATmega168PA
16K Bytes
512 Bytes
1K Bytes
2 instruction words/vector
ATmega328P
32K Bytes
1K Bytes
2K Bytes
2 instruction words/vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com