Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90SCR100 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90SCR100_09 Datasheet HTML 35Page - ATMEL Corporation AT90SCR100_09 Datasheet HTML 36Page - ATMEL Corporation AT90SCR100_09 Datasheet HTML 37Page - ATMEL Corporation AT90SCR100_09 Datasheet HTML 38Page - ATMEL Corporation AT90SCR100_09 Datasheet HTML 39Page - ATMEL Corporation AT90SCR100_09 Datasheet HTML 40Page - ATMEL Corporation AT90SCR100_09 Datasheet HTML 41Page - ATMEL Corporation AT90SCR100_09 Datasheet HTML 42Page - ATMEL Corporation AT90SCR100_09 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 433 page
background image
39
TPR0327AY–SMS–30Jan09
AT90SCR100
7.2.5.2
OSCCAL – Oscillator Calibration Register
• Bits 7:0 – CAL7:0: Oscillator Calibration Value
The Oscillator Calibration Register is used to trim the Calibrated Internal RC Oscillator to
remove process variations from the oscillator frequency. A pre-programmed calibration value is
automatically written to this register during chip reset, giving the Factory calibrated frequency as
specified in Table 31-2 on page 411. The application software can write this register to change
the oscillator frequency. The oscillator can be calibrated to frequencies as specified in Table 31-
2 on page 411. Calibration outside that range is not guaranteed.
Note that this oscillator is used to time EEPROM and Flash write accesses, and these write
times will be affected accordingly. If the EEPROM or Flash are written, do not calibrate to more
than 8.8 MHz. Otherwise, the EEPROM or Flash write may fail.
The CAL7 bit determines the range of operation for the oscillator. Setting this bit to 0 gives the
lowest frequency range, setting this bit to 1 gives the highest frequency range. The two fre-
quency ranges are overlapping, in other words a setting of OSCCAL = 0x7F gives a higher
frequency than OSCCAL = 0x80.
The CAL6..0 bits are used to tune the frequency within the selected range. A setting of 0x00
gives the lowest frequency in that range, and a setting of 0x7F gives the highest frequency in the
range.
7.2.6
RTC Clock
AT90SCR100 supports a RTC counting feature by using Timer 2. The description of the Real
Time Counter is described Section 13.3 “8-bit Timer/Counter2 with PWM and Asynchronous
Operation (RTC)” on page 134.
The external clock to connect to get a accurate RTC is a 32.768 KHz clock.
Figure 7-7.
RTC Clock Connection
Bit
7654
3
2
1
0
$000066
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
Device Specific Calibration Value
TOSC1
C1 = 22pF
C2 = 22pF
TOSC2
32.768 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com