Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega128L-8MU Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATmega128L-8MU
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128L-8MU Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATmega128L-8MU Datasheet HTML 74Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 75Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 76Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 77Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 78Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 79Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 80Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 81Page - ATMEL Corporation ATmega128L-8MU Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 386 page
background image
78
2467S–AVR–07/09
ATmega128
Note:
1. XMM = 0 in ATmega103 compatibility mode.
Alternate Functions of
Port D
The Port D pins with alternate functions are shown in Table 36.
Note:
1. XCK1, TXD1, RXD1, SDA, and SCL not applicable in ATmega103 compatibility mode.
The alternate pin configuration is as follows:
• T2 – Port D, Bit 7
T2, Timer/Counter2 counter source.
• T1 – Port D, Bit 6
T1, Timer/Counter1 counter source.
• XCK1 – Port D, Bit 5
XCK1, USART1 External clock. The Data Direction Register (DDD4) controls whether the clock
is output (DDD4 set) or input (DDD4 cleared). The XCK1 pin is active only when the USART1
operates in Synchronous mode.
Table 35. Overriding Signals for Alternate Functions in PC3..PC0(1)
Signal
Name
PC3/A11
PC2/A10
PC1/A9
PC0/A8
PUOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
PUOV
000
0
DDOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
DDOV
1
1
1
1
PVOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
PVOV
A11
A10
A9
A8
DIEOE
000
0
DIEOV
000
0
DI
–––
–
AIO
–––
–
Table 36. Port D Pins Alternate Functions
Port Pin
Alternate Function
PD7
T2 (Timer/Counter2 Clock Input)
PD6
T1 (Timer/Counter1 Clock Input)
PD5
XCK1(1) (USART1 External Clock Input/Output)
PD4
ICP1 (Timer/Counter1 Input Capture Pin)
PD3
INT3/TXD1(1) (External Interrupt3 Input or UART1 Transmit Pin)
PD2
INT2/RXD1(1) (External Interrupt2 Input or UART1 Receive Pin)
PD1
INT1/SDA(1) (External Interrupt1 Input or TWI Serial DAta)
PD0
INT0/SCL(1) (External Interrupt0 Input or TWI Serial CLock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com