Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega162V-8AI Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 46Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 47Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 48Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 49Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 50Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 51Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 52Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 53Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 324 page
background image
50
2513K–AVR–07/09
ATmega162/V
Brown-out Detection
ATmega162 has an On-chip Brown-out Detection (BOD) circuit for monitoring the V
CC level dur-
ing operation by comparing it to a fixed trigger level. The trigger level for the BOD can be
selected by the BODLEVEL Fuses. The trigger level has a hysteresis to ensure spike free
Brown-out Detection. The hysteresis on the detection level should be interpreted as V
BOT+ =
V
BOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Notes:
1. VBOT may be below nominal minimum operating voltage for some devices. For devices where
this is the case, the device is tested down to V
CC = VBOT during the production test. This guar-
antees that a Brown-out Reset will occur before VCC drops to a voltage where correct
operation of the microcontroller is no longer guaranteed. This test is performed using
BODLEVEL = 110 for ATmega162V, BODLEVEL = 101 and BODLEVEL = 100 for
ATmega162.
2. For ATmega162V. Otherwise reserved.
When the BOD is enabled and V
CC decreases to a value below the trigger level (VBOT- in Figure
25), the Brown-out Reset is immediately activated. When V
CC increases above the trigger level
(V
BOT+ in Figure 25), the delay counter starts the MCU after the Time-out period tTOUT has
expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level for lon-
ger than t
BOD given in Table 18.
Table 19. BODLEVEL Fuse Coding
BODLEVEL Fuses [2:0]
Min. VBOT
(1)
Typ. VBOT
Max. VBOT
Units
111
BOD Disabled
110(2)
1.7
1.8
2.0
V
101
2.5
2.7
2.9
100
4.1
4.3
4.5
011(2)
2.1
2.3
2.5
010
Reserved
001
000
Table 20. Brown-out Hysteresis
Symbol
Parameter
Min.
Typ.
Max.
Units
V
HYST
Brown-out Detector hysteresis
50
mV
t
BOD
Min Pulse Width on Brown-out Reset
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com