Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB161D-CU Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT45DB161D-CU
Description  16-megabit 2.5-volt or 2.7-volt DataFlash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161D-CU Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT45DB161D-CU Datasheet HTML 24Page - ATMEL Corporation AT45DB161D-CU Datasheet HTML 25Page - ATMEL Corporation AT45DB161D-CU Datasheet HTML 26Page - ATMEL Corporation AT45DB161D-CU Datasheet HTML 27Page - ATMEL Corporation AT45DB161D-CU Datasheet HTML 28Page - ATMEL Corporation AT45DB161D-CU Datasheet HTML 29Page - ATMEL Corporation AT45DB161D-CU Datasheet HTML 30Page - ATMEL Corporation AT45DB161D-CU Datasheet HTML 31Page - ATMEL Corporation AT45DB161D-CU Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
28
3500M–DFLASH–04/09
AT45DB161D
15. Command Tables
Table 15-1.
Read Commands
Command
Opcode
Main Memory Page Read
D2H
Continuous Array Read (Legacy Command)
E8H
Continuous Array Read (Low Frequency)
03H
Continuous Array Read (High Frequency)
0BH
Buffer 1 Read (Low Frequency)
D1H
Buffer 2 Read (Low Frequency)
D3H
Buffer 1 Read
D4H
Buffer 2 Read
D6H
Table 15-2.
Program and Erase Commands
Command
Opcode
Buffer 1 Write
84H
Buffer 2 Write
87H
Buffer 1 to Main Memory Page Program with Built-in Erase
83H
Buffer 2 to Main Memory Page Program with Built-in Erase
86H
Buffer 1 to Main Memory Page Program without Built-in Erase
88H
Buffer 2 to Main Memory Page Program without Built-in Erase
89H
Page Erase
81H
Block Erase
50H
Sector Erase
7CH
Chip Erase
C7H, 94H, 80H, 9AH
Main Memory Page Program Through Buffer 1
82H
Main Memory Page Program Through Buffer 2
85H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com