Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1893 Datasheet(PDF) 26 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 26 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 22Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 23Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 24Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 25Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 26Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 27Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 28Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 29Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 30Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
26
Chapter 6
Interface Overviews
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
6.1
MII Data Interface
The most common configuration for an ICS1893’s MAC/Repeater Interface is the Medium Independent
Interface (MII) operating at either 10 Mbps or 100 Mbps. When the ICS1893 MAC/Repeater Interface is
configured for the MII Data Interface mode, data is transferred between the PHY and the MAC/repeater as
framed, 4-bit parallel nibbles. In addition, the interface also provides status and control signals to
synchronize the transfers.
The ICS1893 provides a full complement of the ISO/IEC-specified MII signals. Its MII has both a transmit
and a receive data path to synchronously exchange 4 bits of data (that is, nibbles).
• The ICS1893’s MII transmit data path includes the following:
– A data nibble, TXD[3:0]
– A transmit data clock to synchronize transfers, TXCLK
– A transmit enable signal, TXEN
– A transmit error signal, TXER
• The ICS1893’s MII receive data path includes the following:
– A separate data nibble, RXD[3:0]
– A receive data clock to synchronize transfers, RXCLK
– A receive data valid signal, RXDV
– A receive error signal, RXER
Both the MII transmit clock and the MII receive clock are provided to the MAC/Reconciliation sublayer by
the ICS1893 (that is, the ICS1893 sources the TXCLK and RXCLK signals to the MAC/repeater).
Clause 22 also defines as part of the MII a Carrier Sense signal (CRS) and a Collision Detect signal (COL).
The ICs1893 is fully compliant with these definitions and sources both of these signals to the
MAC/repeater. When operating in:
• Half-duplex mode, the ICS1893 asserts the Carrier Sense signal when data is being either transmitted or
received. While operating in half-duplex mode, the ICS1893 also asserts its Collision Detect signal to
indicate that data is being received while a transmission is in progress.
• Full-duplex mode, the ICS1893 asserts the Carrier Sense signal only when receiving data and forces the
Collision Detect signal to remain inactive.
As mentioned in Section 5.1.1.3, “Hot Insertion”, the ICS1893 design allows hot insertion of its MII. That is,
it is possible to connect its MII to a MAC when power is already applied to the MAC. To support this
functionality, the ICS1893 isolates its MII signals and tri-states the signals on all Twisted-Pair Transmit pins
(TP_TXP and TP_TXN) during a power-on reset. Upon completion of the reset process, the ICS1893
enables its MII and enables its Twisted-Pair Transmit signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com