| Electronic Components Datasheet Search |
|
WSL431 Datasheet(PDF) 3 Page - Winson Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
WSL431 Datasheet(HTML) 3 Page - Winson Semiconductor Corp. |
|
3 / 7 page ![]() WSL431 Winson reserves the right to make changes to improve reliability or manufacturability. ©Winson, Jan. 2000 (Rev. C) Absolute Maximum Ratings Symbol Parameter Rating Unit VKA Cathode voltage 26 V IK Continuous cathode current range 150 mA Iref Reference current range 3 mA TA Ambient temperature range 0 to 85 ˚C TJ Junction temperature range 0 to 125 ˚C TSTG Storage Temperature Range -65 to 150 ˚C TSO Lead temperature range, Ts (Soldering, 10sec) 260 ˚C Electrical Characteristics TA= 25˚C (unless otherwise noted) WSL431 Symbol Parameter Test Conditions Min. Typ. Max. WSL431B 2.4925 2.505 2.5175 WSL431C 2.480 2.505 2.530 Vref VKA=Vref, IK=10mA. WSL431D 2.455 2.505 2.555 Unit ΔVref/T Reference Voltage Drift over Temp. range TA=0 to 85°C*1 , I k =10mA. 4 20 mV ΔVref/ΔVKA Voltage Ration (open loop gain) IK=10 mA, VKA=Vref to 20V*2 - 4 - 1.6 mV/ V Iref Reference Current IK=10mA, R1=10KΩ, R2=open*2 0.4 3.5 µA ΔIref/T Reference Current Drift IK=10 mA, R1=10KΩ, R2=open, TA=0 to 85°C*2 0.4 1.2 µA IK(min) Min. Cathode Current VKA=Vref*1 0.15 0.4 mA IK(off) Off-state Cathode Current VKA=20V, Vref=0V*3 0.1 1 µA zKA Dynamic Impedance VKA=Vref, IK=1 mA to 100mA, f=1k Hz*1 -0.4 -0.1 Ω Notes: *1 : use Figure 1 *2 : use Figure 2 *3 : use Figure 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |