Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM9R64 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT91SAM9R64
Description  AT91 ARM Thumb Microcontrollers
PDF  903 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9R64 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT91SAM9R64_1 Datasheet HTML 93Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 94Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 95Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 96Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 97Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 98Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 99Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 100Page - ATMEL Corporation AT91SAM9R64_1 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 903 page
background image
97
6289C–ATARM–28-May-09
AT91SAM9R64/RL64 Preliminary
15.4.2
Reset Controller Status Register
Register Name:
RSTC_SR
Access Type:
Read-only
• URSTS: User Reset Status
0 = No high-to-low edge on NRST happened since the last read of RSTC_SR.
1 = At least one high-to-low transition of NRST has been detected since the last read of RSTC_SR.
• RSTTYP: Reset Type
Reports the cause of the last processor reset. Reading this RSTC_SR does not reset this field.
• NRSTL: NRST Pin Level
Registers the NRST Pin Level at Master Clock (MCK).
• SRCMP: Software Reset Command in Progress
0 = No software command is being performed by the reset controller. The reset controller is ready for a software command.
1 = A software reset command is being performed by the reset controller. The reset controller is busy.
31
30
29
28
27
26
25
24
––––––––
23
22
21
20
19
18
17
16
––––––
SRCMP
NRSTL
15
14
13
12
11
10
9
8
–––––
RSTTYP
76543210
–––––––
URSTS
RSTTYP
Reset Type
Comments
0
0
0
General Reset
Both VDDCORE and VDDBU rising
0
0
1
Wake Up Reset
VDDCORE rising
0
1
0
Watchdog Reset
Watchdog fault occurred
0
1
1
Software Reset
Processor reset required by the software
1
0
0
User Reset
NRST pin detected low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com