Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM9R64 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91SAM9R64
Description  AT91 ARM Thumb Microcontrollers
PDF  903 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9R64 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM9R64 Datasheet HTML 17Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 18Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 19Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 22Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 23Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 24Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 903 page
background image
21
6289C–ATARM–28-May-09
AT91SAM9R64/RL64 Preliminary
a.
TWI0 Transmit Channel
b.
DBGU Transmit Channel
c.
USART3 Transmit Channel
d.
USART2 Transmit Channel
e.
USART1 Transmit Channel
f.
USART0 Transmit Channel
g.
AC97 Transmit Channel
h.
SPI Transmit Channel
i.
SSC1 Transmit Channel
j.
SSC0 Transmit Channel
k.
TWI0 Receive Channel
l.
DBGU Receive Channel
m. ADC Receive Channel
n.
USART3 Receive Channel
o.
USART2 Receive Channel
p.
USART1 Receive Channel
q.
USART0 Receive Channel
r.
AC97 Receive Channel
s.
SPI Receive Channel
t.
SSC1 Receive Channel
u.
SSC0 Transmit Channel
v.
MCI Receive/Transmit Channel
7.6
DMA Controller
• Acting as one Matrix Master
• Embeds 2 channels
• 16 bytes/FIFO for Channel Buffering
• Linked List support with Status Write Back operation at End of Transfer
• Word, Half-word, Byte transfer support
7.7
Debug and Test Features
• ARM926 Real-time In-circuit Emulator
– Two real-time Watchpoint Units
– Two Independent Registers: Debug Control Register and Debug Status Register
– Test Access Port Accessible through JTAG Protocol
– Debug Communications Channel
• Debug Unit
–Two-pin UART
– Debug Communication Channel Interrupt Handling
– Chip ID Register
• IEEE1149.1 JTAG Boundary-scan on All Digital Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com