Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMF1M32F2VB Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M32F2VB
Description  Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M32F2VB Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF1M32F2VB Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M32F2VB Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M32F2VB Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M32F2VB Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M32F2VB Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M32F2VB Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M32F2VB Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M32F2VB Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M32F2VB Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HANBit
HMF1M32F2VB
URL: www.hbe.co.kr
3
HANBit Electronics Co., Ltd.
REV.02 (August,2002)
TRUTH TABLE
MODE
/OE
/CE
/WE
/RESET
DQ ( /BYTE=L )
POWER
STANDBY
X
H
X
Vcc
±0.3V
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
H
HIGH-Z
ACTIVE
READ
L
L
H
H
DOUT
ACTIVE
WRITE or ERASE
X
L
L
H
DIN
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-0.5V to Vcc+0.5V
Voltage with respect to ground Vcc
VCC
-0.5V to +4.0V
Storage Temperature
TSTG
-65oC to +150oC
Operating Temperature
TA
-55oC to +125oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is no t implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
± 10% device Supply Voltages
Vcc
2.7V
3.6V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS ( 0oC
≤ TA ≤ 70 oC )
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNIT
Input Load Current
Vcc=Vcc max, VIN= GND to Vcc
IL1
±1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= GND to Vcc
IL0
±1.0
µA
Output High Voltage
IOH = -2.0mA, Vcc = Vcc min
VOH
2.4
V
Output Low Voltage
IOL = 4.0mA, Vcc =Vcc min
VOL
0.45
V
5MHZ
18
32
Vcc Active Read Current (1)
/CE = VIL,
/OE = VIH,
1MHZ
ICC1
4
8
mA
Vcc Active Write Current (2)
/CE = VIL, /OE=VIH
ICC2
40
60
mA
Vcc Standby Current
/CE, /RESET=Vcc
±0.3V
ICC3
60
mA
Low Vcc Lock-Out Voltage
VLKO
2.3
2.5
V
Notes:
1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH.
2. Icc active while embedded algorithm (program or erase) is in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com