Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny85-15ST1 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATtiny85-15ST1
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST1 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATtiny85-15ST1 Datasheet HTML 12Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 13Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 14Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 15Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 16Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 17Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 18Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 19Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 196 page
background image
16
7598H–AVR–07/09
ATtiny25/45/85
5.3.2
EEPROM Address Register High – EEARH
• Bit 7..1 – Res6..0: Reserved Bits
These bits are reserved for future use and will always read as 0 in ATtiny25/45/85.
• Bits 0 – EEAR8: EEPROM Address
The EEPROM Address Register – EEARH – specifies the high EEPROM address in the
128/256/512 bytes EEPROM space. The EEPROM data bytes are addressed linearly between 0
and 127/255/511. The initial value of EEAR is undefined. A proper value must be written before
the EEPROM may be accessed.
5.3.3
EEPROM Address Register – EEARL
• Bits 7..0 – EEAR7..0: EEPROM Address
The EEPROM Address Register – EEARL – specifies the low EEPROM address in the
128/256/512 bytes EEPROM space. The EEPROM data bytes are addressed linearly between 0
and 127/255/511. The initial value of EEAR is undefined. A proper value must be written before
the EEPROM may be accessed.
5.3.4
EEPROM Data Register – EEDR
• Bits 7..0 – EEDR7..0: EEPROM Data
For the EEPROM write operation the EEDR Register contains the data to be written to the
EEPROM in the address given by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address given by EEAR.
5.3.5
EEPROM Control Register – EECR
• Bit 7 – Res: Reserved Bit
This bit is reserved for future use and will always read as 0 in ATtiny25/45/85. For compatibility
with future AVR devices, always write this bit to zero. After reading, mask out this bit.
Bit
765
4321
0
----
---
EEAR8
EEARH
Read/Write
RR
RRRR
R
R/W
Initial Value
X
X
X
X
X
X
X
X
Bit
765
432
10
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
X
X
X
X
X
X
X
X
Bit
765
4321
0
EEDR7
EEDR6
EEDR5
EEDR4
EEDR3
EEDR2
EEDR1
EEDR0
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
X
X
X
X
X
X
X
X
Bit
7654
3210
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
X
X
0
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com