Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C65 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M16C65
Description  RENESAS MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C65 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M16C65 Datasheet HTML 69Page - Renesas Technology Corp M16C65 Datasheet HTML 70Page - Renesas Technology Corp M16C65 Datasheet HTML 71Page - Renesas Technology Corp M16C65 Datasheet HTML 72Page - Renesas Technology Corp M16C65 Datasheet HTML 73Page - Renesas Technology Corp M16C65 Datasheet HTML 74Page - Renesas Technology Corp M16C65 Datasheet HTML 75Page - Renesas Technology Corp M16C65 Datasheet HTML 76Page - Renesas Technology Corp M16C65 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
REJ03B0257-0110 Rev.1.10 Sep 24, 2009
Page 73 of 109
M16C/65 Group
5. Electrical Characteristics
Figure 5.12
Timing Diagram
Memory Expansion Mode and Microprocessor Mode
(Effective in wait state setting)
BCLK
HOLD input
HLDA input
P0, P1, P2,
P3, P4,
P5_0 to P5_2 (1)
(Common to wait state and no wait state settings)
Note:
1. These pins are high-impedance regardless of the input level of the BYTE pin, PM06 bit in PM0 register,
and PM11 bit in PM1 register.
Hi−Z
RDY input
RD
BCLK
(Separate bus)
(Multiplexed bus)
WR, WRL, WRH
RD
(Separate bus)
WR, WRL, WRH
(Multiplexed bus)
tsu(RDY-BCLK)
th(BCLK-RDY)
tsu(HOLD-BCLK)
th(BCLK-HOLD)
td(BCLK-HLDA)
td(BCLK-HLDA)
Measuring conditions
V
= V
= 5 V
CC1
CC2
Input timing voltage: V = 1.0 V, V
= 4.0 V
IL
IH
Output timing voltage: V
= 2.5 V, V
= 2.5 V
OL
OH
V
= V
= 5 V
CC1
CC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com