Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1EX24064ASAS0A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R1EX24064ASAS0A
Description  Two-wire serial interface 64k EEPROM (8-kword 8-bit)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24064ASAS0A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R1EX24064ASAS0A Datasheet HTML 9Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 10Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 11Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 12Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 13Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 14Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 15Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 16Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
R1EX24064AxxS0A
Page Write:
The EEPROM is capable of the page write operation which allows any number of bytes up to 32 bytes to
be written in a single write cycle. The page write is the same sequence as the byte write except for
inputting the more write data. The page write is initiated by a start condition, device address word,
memory address(n) and write data (Dn) with every ninth bit acknowledgment. The EEPROM enters the
page write operation if the EEPROM receives more write data (Dn+1) instead of receiving a stop
condition. The a0 to a4 address bits are automatically incremented upon receiving write data (Dn+1).
The EEPROM can continue to receive write data up to 32 bytes. If the a0 to a4 address bits reaches the
last address of the page, the a0 to a4 address bits will roll over to the first address of the same page and
previous write data will be overwritten. Upon receiving a stop condition, the EEPROM stops receiving
write data and enters internally-timed write cycle.
Page Write Operation
Note:
1. Don't care bit
Device
address
1st Memory
address (n)
2nd Memory
address (n)
Write data (n+m)
Write data (n)
64k
10 10
W
Stop
Start
ACK
ACK
ACK
ACK
ACK
R/W
WP
REJ03C0332-0200 Rev.2.00 Oct. 26, 2009
Page 13 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com