Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny24V-10MU Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATtiny24V-10MU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24V-10MU Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATtiny24V-10MU Datasheet HTML 17Page - ATMEL Corporation ATtiny24V-10MU Datasheet HTML 18Page - ATMEL Corporation ATtiny24V-10MU Datasheet HTML 19Page - ATMEL Corporation ATtiny24V-10MU Datasheet HTML 20Page - ATMEL Corporation ATtiny24V-10MU Datasheet HTML 21Page - ATMEL Corporation ATtiny24V-10MU Datasheet HTML 22Page - ATMEL Corporation ATtiny24V-10MU Datasheet HTML 23Page - ATMEL Corporation ATtiny24V-10MU Datasheet HTML 24Page - ATMEL Corporation ATtiny24V-10MU Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 236 page
background image
21
8006H–AVR–10/09
ATtiny24/44/84
5.5.2
EEARL – EEPROM Address Register
• Bit 7 – EEAR7: EEPROM Address
This is the most significant EEPROM address bit of ATtiny44. In devices with less EEPROM, i.e.
ATtiny24, this bit is reserved and will always read zero. The initial value of the EEPROM
Address Register (EEAR) is undefined and a proper value must therefore be written before the
EEPROM is accessed.
• Bits 6..0 – EEAR6..0: EEPROM Address
These are the (low) bits of the EEPROM Address Register. The EEPROM data bytes are
addressed linearly in the range 0...128/256/512. The initial value of EEAR is undefined and a
proper value must be therefore be written before the EEPROM may be accessed.
5.5.3
EEDR – EEPROM Data Register
• Bits 7..0 – EEDR7..0: EEPROM Data
For the EEPROM write operation the EEDR Register contains the data to be written to the
EEPROM in the address given by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address given by EEAR.
5.5.4
EECR – EEPROM Control Register
• Bit 7 – Res: Reserved Bit
This bit is reserved for future use and will always read as 0 in ATtiny24/44/84. For compatibility
with future AVR devices, always write this bit to zero. After reading, mask out this bit.
• Bit 6 – Res: Reserved Bit
This bit is reserved in the ATtiny24/44/84 and will always read as zero.
• Bits 5, 4 – EEPM1 and EEPM0: EEPROM Programming Mode Bits
The EEPROM Programming mode bits setting defines which programming action that will be
triggered when writing EEPE. It is possible to program data in one atomic operation (erase the
Bit
765
432
10
0x1E (0x3E)
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
X
X
X
X
X
X
X
X
Bit
765
432
10
0x1D (0x3D)
EEDR7
EEDR6
EEDR5
EEDR4
EEDR3
EEDR2
EEDR1
EEDR0
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
0x1C (0x3C)
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
X
X
0
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com