Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega1284P-PU Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATmega1284P-PU
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P-PU Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATmega1284P-PU Datasheet HTML 74Page - ATMEL Corporation ATmega1284P-PU Datasheet HTML 75Page - ATMEL Corporation ATmega1284P-PU Datasheet HTML 76Page - ATMEL Corporation ATmega1284P-PU Datasheet HTML 77Page - ATMEL Corporation ATmega1284P-PU Datasheet HTML 78Page - ATMEL Corporation ATmega1284P-PU Datasheet HTML 79Page - ATMEL Corporation ATmega1284P-PU Datasheet HTML 80Page - ATMEL Corporation ATmega1284P-PU Datasheet HTML 81Page - ATMEL Corporation ATmega1284P-PU Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 380 page
background image
78
8059D–AVR–11/09
ATmega1284P
12.3.1
Alternate Functions of Port A
The Port A has an alternate function as the address low byte and data lines for the External
Memory Interface.
• ADC7:0/PCINT7:0 – Port A, Bit 7:0
ADC7:0, Analog to Digital Converter, Channels 7:0.
PCINT7:0, Pin Change Interrupt source 7:0: The PA7:0 pins can serve as external interrupt
sources.
Table 12-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
ADC7 (ADC input channel 7)
PCINT7 (Pin Change Interrupt 7)
PA6
ADC6 (ADC input channel 6)
PCINT6 (Pin Change Interrupt 6)
PA5
ADC5 (ADC input channel 5)
PCINT5 (Pin Change Interrupt 5)
PA4
ADC4 (ADC input channel 4)
PCINT4 (Pin Change Interrupt 4)
PA3
ADC3 (ADC input channel 3)
PCINT3 (Pin Change Interrupt 3)
PA2
ADC2 (ADC input channel 2)
PCINT2 (Pin Change Interrupt 2)
PA1
ADC1 (ADC input channel 1)
PCINT1 (Pin Change Interrupt 1)
PA0
ADC0 (ADC input channel 0)
PCINT0 (Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com